Electronic Components Datasheet Search
  English  ▼

X  

SA40 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SA40
Description  TRANSZORB® Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA40 Datasheet(HTML) 1 Page - Vishay Siliconix

  SA40 Datasheet HTML 1Page - Vishay Siliconix SA40 Datasheet HTML 2Page - Vishay Siliconix SA40 Datasheet HTML 3Page - Vishay Siliconix SA40 Datasheet HTML 4Page - Vishay Siliconix SA40 Datasheet HTML 5Page - Vishay Siliconix SA40 Datasheet HTML 6Page - Vishay Siliconix SA40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
Document Number: 88378
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
TRANSZORB® Transient Voltage Suppressors
FEATURES
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 500 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients
induced
by
inductive
load
switching
and lighting on ICs, MOSFET, signal lines of sensor
units
for
consumer,
computer,
industrial
and
telecommunication.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over passivated chip
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the color band
denotes cathode end, no marking on bi-directional
types
DEVICES FOR BI-DIRECTION APPLICATIONS
For
bi-directional
types,
use
C
or
CA
suffix
(e.g. SA5.0C, SA170CA).
Electrical characteristics apply in both directions.
PRIMARY CHARACTERISTICS
VWM
5.0 V to 170 V
PPPM
500 W
PD
3.0 W
IFSM (uni-directional only)
70 A
TJ max.
175 °C
DO-204AC (DO-15)
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 per minute maximum
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1) (Fig. 1)
PPPM
500
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TA = 75 °C (Fig. 5)
PD
3.0
W
Peak forward surge current, 10 ms single half sine-wave uni-directional only
IFSM
70
A
Maximum instantaneous forward voltage at 35 A for uni-directional only (2)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - SA40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA40 PANJIT-SA40 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA40 WTE-SA40 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA40 BYTES-SA40 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA40 DCCOM-SA40 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA40 EIC-SA40 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
TRANSZORB® Transient Voltage Suppressors
21-Oct-08
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
TRANSZORB® Transient Voltage Suppressors
20-Nov-12
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
TRANSZORB® Transient Voltage Suppressors
18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
TRANSZORB® Transient Voltage Suppressors
18-Sep-12
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
5KP8.5A thru 5KP188A
24-Jun-14
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
TRANSZORB® Transient Voltage Suppressors
23-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com