Electronic Components Datasheet Search
  English  ▼

X  

SA40 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SA40
Description  TRANSZORB® Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA40 Datasheet(HTML) 4 Page - Vishay Siliconix

  SA40 Datasheet HTML 1Page - Vishay Siliconix SA40 Datasheet HTML 2Page - Vishay Siliconix SA40 Datasheet HTML 3Page - Vishay Siliconix SA40 Datasheet HTML 4Page - Vishay Siliconix SA40 Datasheet HTML 5Page - Vishay Siliconix SA40 Datasheet HTML 6Page - Vishay Siliconix SA40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378
Revision: 21-Oct-08
4
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SA5.0A-E3/54
0.432
54
4000
13" diameter paper tape and reel
SA5.0AHE3/54 (1)
0.432
54
4000
13" diameter paper tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
0.1
1.0
10
30
td - Pulse Width
t
d
t
d
t
d
Current Waveforms
Impulse
Exponential
Decay
Half Sine
Square
P
PK
”0.5”
P
PK
P
PK
t
d = 7 tp
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Maximum Non-Repetitive Forward Surge Current
Uni-Directional Only
100
50
0
t - Time (ms)
0
1.0
2.0
3.0
4.0
150
t
d
t
r = 10 µs
Peak Value
I
PPM
10/1000 µs Waveform
as defined by R.E.A.
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
200
100
10
1
10
100
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com