Electronic Components Datasheet Search
  English  ▼

X  

SA45 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SA45
Description  TRANSZORB® Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA45 Datasheet(HTML) 6 Page - Vishay Siliconix

  SA45 Datasheet HTML 1Page - Vishay Siliconix SA45 Datasheet HTML 2Page - Vishay Siliconix SA45 Datasheet HTML 3Page - Vishay Siliconix SA45 Datasheet HTML 4Page - Vishay Siliconix SA45 Datasheet HTML 5Page - Vishay Siliconix SA45 Datasheet HTML 6Page - Vishay Siliconix SA45 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378
Revision: 21-Oct-08
6
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 11. Typical Instantaneous Forward Voltage
VF - Forward Voltage (V)
0.5
1
1.5
2.5
0.1
2
10
100
Uni-Directional Only
20
1
0.2
0
2
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Figure 12. Breakdown Voltage Temperature Coefficient Curve
VWM - Rated Stand-Off Voltage (V)
5.0
10
100
500
1.0
10
100
200
Uni-Directional
Bi-Directional
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com