Electronic Components Datasheet Search
  English  ▼

X  

SA45 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SA45
Description  TRANSZORB® Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA45 Datasheet(HTML) 3 Page - Vishay Siliconix

  SA45 Datasheet HTML 1Page - Vishay Siliconix SA45 Datasheet HTML 2Page - Vishay Siliconix SA45 Datasheet HTML 3Page - Vishay Siliconix SA45 Datasheet HTML 4Page - Vishay Siliconix SA45 Datasheet HTML 5Page - Vishay Siliconix SA45 Datasheet HTML 6Page - Vishay Siliconix SA45 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
Document Number: 88378
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types with VWM of 10 V and less, the ID limit is doubled
(4) For the bi-directional SA5.0CA, the maximum VBR is 7.25 V
(5) All terms and symbols are consistent with ANSI/IEEE C62.35
SA40
44.4
54.3
1.0
40
1.0
7.0
71.4
51
SA40A
44.4
49.1
1.0
40
1.0
7.8
64.5
46
SA43
47.8
58.4
1.0
43
1.0
6.5
76.7
55
SA43A
47.8
52.8
1.0
43
1.0
7.2
69.4
50
SA45
50.0
61.1
1.0
45
1.0
6.2
80.3
58
SA45A
50.0
55.3
1.0
45
1.0
6.9
72.7
52
SA48
53.3
65.2
1.0
48
1.0
5.8
85.5
63
SA48A
53.3
58.9
1.0
48
1.0
6.5
77.4
56
SA51
56.7
69.3
1.0
51
1.0
5.5
91.1
66
SA51A
56.7
62.7
1.0
51
1.0
6.1
82.4
61
SA54
60.0
73.3
1.0
54
1.0
5.2
96.3
71
SA54A
60.0
66.3
1.0
54
1.0
5.7
87.1
65
SA58
64.4
78.7
1.0
58
1.0
4.9
103
78
SA58A
64.4
71.2
1.0
58
1.0
5.3
93.6
70
SA60
66.7
81.5
1.0
60
1.0
4.7
107
80
SA60A
66.7
73.7
1.0
60
1.0
5.2
96.8
71
SA64
71.1
86.9
1.0
64
1.0
4.4
114
86
SA64A
71.1
78.6
1.0
64
1.0
4.9
103
76
SA70
77.8
95.1
1.0
70
1.0
4.0
125
94
SA70A
77.8
86.0
1.0
70
1.0
4.4
113
85
SA75
83.3
102
1.0
75
1.0
3.7
134
101
SA75A
83.3
92.1
1.0
75
1.0
4.1
121
91
SA78
86.7
106
1.0
78
1.0
3.6
139
105
SA78A
86.7
95.8
1.0
78
1.0
4.0
126
95
SA85
94.4
115
1.0
85
1.0
3.3
151
114
SA85A
94.4
104
1.0
85
1.0
3.6
137
103
SA90
100
122
1.0
90
1.0
3.1
160
121
SA90A
100
111
1.0
90
1.0
3.4
146
110
SA100
111
136
1.0
100
1.0
2.8
179
135
SA100A
111
123
1.0
100
1.0
3.1
162
123
SA110
122
149
1.0
110
1.0
2.6
196
148
SA110A
122
135
1.0
110
1.0
2.8
177
133
SA120
133
163
1.0
120
1.0
2.3
214
162
SA120A
133
147
1.0
120
1.0
2.6
193
146
SA130
144
176
1.0
130
1.0
2.2
230
175
SA130A
144
159
1.0
130
1.0
2.4
209
158
SA150
167
204
1.0
150
1.0
1.9
268
203
SA150A
167
185
1.0
150
1.0
2.1
243
184
SA160
178
218
1.0
160
1.0
1.7
257
217
SA160A
178
197
1.0
160
1.0
1.9
259
196
SA170
189
231
1.0
170
1.0
1.6
304
230
SA170A
189
209
1.0
170
1.0
1.8
275
208
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(3) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM VC
(V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(mV/°C)
MIN.
MAX.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com