Electronic Components Datasheet Search
  English  ▼

X  

SPN30 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # SPN30
Description  30 WATT, Universal Input Fully Enclosed Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPN30 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  SPN30 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPN30 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SA
AF
FE
ET
TIIE
ES
S//A
AP
PP
PR
RO
OV
VA
AL
LS
S
1
FEATURES
30 WATT OUTPUT POWER
UNIVERSAL INPUT
OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION
LIGHTWEIGHT CONSTRUCTION
METAL CHASSIS WITH COVER
COMPACT, LOW-PROFILE PACKAGES
3 YEAR WARRANTY
3
30
0 W
WA
AT
TT
T,, U
Un
niiv
ve
errs
sa
all IIn
np
pu
utt
F
Fu
ulllly
y E
En
nc
cllo
os
se
ed
d S
Sw
wiittc
ch
hiin
ng
g P
Po
ow
we
err S
Su
up
pp
plly
y
S
SP
PN
N3300 S
Seerriieess
Input Voltage………..........................85 ~ 264VAC
Input Frequency............................... 47 ~ 63Hz
Input Current………………………….0.55 ~ 1.0A Typ.
Inrush Current
16A ~ 39A Typ
Output Voltage ……………………….See Chart
Voltage Adjustment.………………….±10%
Minimum Load………………………..±10%
Efficiency..................................……..75 ~ 80%
Over-Voltage Protection...…………..115 ~ 150% Manual Reset
Over-Current Protection………….....Automatic Recovery (105% min)
Ripple and Noise…………………….100mVp-p max.
Hold-Up Time.......................…….....40 ~ 50 mS
Line/Load Regulation...............…… See Chart
Rise Time...…...……………………...800 ~ 1700 mS
Leakage Current (100/230VAC)………….0.75mA
MTBF.............................…………….>160,000 Hours
Isolation Voltage
Primary to Secondary……………3000VAC
Primary to Case………………….1500VAC
Secondary to Case………………500VAC
Isolation Resistance………………….100 M-Ohms min.
Operating Temperature ............…….0°C ~ +60°C
Cooling………………….....................Convection
Temperature Coefficient................... 0.02% / °C
Humidity………………......................20 ~ 85%Rh (non-condensing)
Storage Temperature………………..-20°C ~ +85°C
Shock Vibration………………………Shock: 20G(3 Directions each 3 times)
Vibration: 10 ~ 55Hz
Metal Enclosed – Terminal Block
FCC-B
EN 55022-B
VCCI-II
All specifications are typical at nominal input, full load


Similar Part No. - SPN30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN30-12S ETC2-SPN30-12S Datasheet
315Kb / 2P
30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN30-15S ETC2-SPN30-15S Datasheet
315Kb / 2P
30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN30-24S ETC2-SPN30-24S Datasheet
315Kb / 2P
30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN30-48S ETC2-SPN30-48S Datasheet
315Kb / 2P
30 WATT, Universal Input Fully Enclosed Switching Power Supply
More results

Similar Description - SPN30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP15U ETC1-SP15U Datasheet
195Kb / 2P
15-WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15 ETC1-SPN15 Datasheet
320Kb / 2P
15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN50 ETC1-SPN50 Datasheet
311Kb / 2P
50 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
100 WATT, Universal Input Fully Enclosed Switching Power Supply
SX30U ETC1-SX30U Datasheet
379Kb / 2P
30 Watt, 120 VAC Input Fully Enclosed Switchiing Power Supply
SX100U ETC1-SX100U Datasheet
548Kb / 3P
100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
KLT30F VOLGEN-KLT30F Datasheet
195Kb / 2P
30 WATT, Universal Input Open Frame Switching Power Supply
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN50 VOLGEN-SPN50 Datasheet
311Kb / 2P
50 WATT, Universal Input Fully Enclosed Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com