Electronic Components Datasheet Search
  English  ▼

X  

SPN30 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SPN30
Description  30 WATT, Universal Input Fully Enclosed Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPN30 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SPN30 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPN30 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
•
Mounting screws not to exceed max penetration of 6mm
•
Screw thread size is M3 (Metric) or 6/32nd (Inch)
•
Weight 200g typ.
•
Measurements in millimeter (mm) unless otherwise specified
•
Tolerance ± 1mm
2
MODEL
Output Voltage
Output Current
(85 ~ 264 VAC)
Efficiency
(%)
Load Regulation
(mV max)
SPN30-05S
5VDC
6.0A
75%
10mV max
SPN30-12S
12VDC
2.6A
78%
10mV max
SPN30-15S
15VDC
2.1A
79%
10mV max
SPN30-24S
24VDC
1.4A
80%
20mV max
SPN30-48S
48VDC
0.7A
80%
40mV max
NOTE:
All specifications typical and nominal / full load and 25°C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com