Electronic Components Datasheet Search
  English  ▼

X  

NSR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NSR
Description  Wirewound Resistors, Noise Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NSR Datasheet(HTML) 3 Page - Vishay Siliconix

  NSR Datasheet HTML 1Page - Vishay Siliconix NSR Datasheet HTML 2Page - Vishay Siliconix NSR Datasheet HTML 3Page - Vishay Siliconix NSR Datasheet HTML 4Page - Vishay Siliconix NSR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30252
184
Revision: 17-Oct-07
NSR
Vishay Dale
Wirewound Resistors, Noise Suppressor
TYPE 2 - NOISE SUPPRESSOR WITH ELECTRODES
Note:
• Other electrode designs available under request
MECHANICAL DATA in millimeters (inches)
ELECTRICAL DATA
MECHANICAL DATA
CODE NUMBER
VALUE
TOLERANCE
INDUCTANCE
TYPICAL
LD
H
E
5 k
Ω
+ 20 %
- 10 %
50 µH
34.3
(1.35)
3.9
(0.16)
11.0
(0.43)
23.5
(0.93)
2306 309 90008
4.5 k
Ω
± 10 %
17 µH
26.3
(1.04)
3.0
(0.12)
10.5
(0.42)
14.4
(0.57)
2306 309 90009
5 k
Ω
± 10 %
19 µH
30.2
(1.19)
3.0
(0.12)
10.5
(0.42)
14.8
(0.58)
2306 309 90014
5.3 k
Ω
± 15 %
56 µH
34.3
(1.35)
3.9
(0.16)
18.0
(0.71)
23.5
(0.93)
2306 309 90021
1.1 k
Ω
± 15 %
9 µH
29.7
(1.17)
3.9
(0.154)
18.0
(0.71)
10.6
(0.42)
2306 309 90027
1.1 k
Ω
± 15 %
8.5 µH
29.7
(1.17)
3.9
(0.16)
11.0
(0.43)
10.6
(0.42)
2306 309 90029
1 k
Ω
± 10 %
5 µH
30.2
(1.19)
2.95
(0.12)
10.5
(0.42)
14.8
(0.58)
2306 309 90038
5.2 k
Ω
± 13 %
54 µH
34.1
(1.34)
3.9
(0.16)
8.15
(0.32)
23.5
(0.93)
2306 309 90055
1 k
Ω
± 10 %
5 µH
30.2
(1.19)
3.0
(0.12)
18.0
(0.71)
14.8
(0.58)
2306 309 90057
5 k
Ω
± 10 %
20 µH
30.2
(1.19)
3.0
(0.12)
18.0
(0.71)
14.8
(0.58)
2306 309 90058
1 k
Ω
± 10 %
4 µH
35.3
(1.39)
3.0
(0.12)
18.0
(0.71)
20.4
(0.81)
2306 309 90069
5 k
Ω
± 10 %
16 µH
34.25
(1.35)
3.0
(0.12)
18.0
(0.71)
19.2
(0.76)
2306 309 90079
H
E
L
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com