Electronic Components Datasheet Search
  English  ▼

X  

NSR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NSR
Description  Wirewound Resistors, Noise Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NSR Datasheet(HTML) 4 Page - Vishay Siliconix

  NSR Datasheet HTML 1Page - Vishay Siliconix NSR Datasheet HTML 2Page - Vishay Siliconix NSR Datasheet HTML 3Page - Vishay Siliconix NSR Datasheet HTML 4Page - Vishay Siliconix NSR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 30252
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 17-Oct-07
185
NSR
Wirewound Resistors, Noise Suppressor
Vishay Dale
TYPE 3 - NOISE SUPPRESSOR WITH AXIAL LEAD WIRE TERMINALS
ORDERING INFORMATION
Composition of the catalogue Number:
2306 309 90xxx (fiberglass core) or 2306 326 90xxx (ceramic core)
The last three digits (xxx) in the above code number are defined in accordance with each new developed product. Contact factory
for details.
MECHANICAL DATA in millimeters (inches)
ELECTRICAL DATA
MECHANICAL DATA
CODE NUMBER
VALUE
TOLERANCE
INDUCTANCE
TYPICAL
LØ D
Ø d
C
A
F1 - F2
S
1 k
Ω
± 20 %
18 µH
11.8
(0.47)
4.7
(0.19)
0.80
(0.031)
32.0
(1.26)
63.0
(2.48)
≤ 1.4
(
≤ 0.06)
10.0
(0.40)
2306 326 90136
C
Ø D
L
L
Ø d
S ± 0.1
0 + 3.0 (0.12)
- 0
6.0 ± 0.5
(0.24 ± 0.02)
F2
F1
A
1.0
(0.04)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com