Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5522 Datasheet HTML 35Page - Analog Devices AD5522 Datasheet HTML 36Page - Analog Devices AD5522 Datasheet HTML 37Page - Analog Devices AD5522 Datasheet HTML 38Page - Analog Devices AD5522 Datasheet HTML 39Page - Analog Devices AD5522 Datasheet HTML 40Page - Analog Devices AD5522 Datasheet HTML 41Page - Analog Devices AD5522 Datasheet HTML 42Page - Analog Devices AD5522 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AD5522
Rev. A | Page 39 of 60
FORCE CURRENT (FI) MODE
In force current (FI) mode, the voltage at the FIN DAC is
converted to a current and is applied to the DUT. The feedback
path is the measure current amplifier, feeding back the voltage
measured across the sense resistor. MEASOUTx reflects the
voltage measured across the DUT (see Figure 52).
For the suggested current ranges, the maximum voltage drop
across the sense resistors is ±1 V. However, to allow for error
correction, there is some overrange available in the current
ranges. The maximum full-scale voltage range that can be
loaded to the FIN DAC is ±11.5 V. The forced current can be
calculated as follows:
FI = 4.5 × VREF × ((DAC_CODE − 32,768)/216)/(RSENSE ×
MI_Amplifier_Gain)
where:
FI is the forced current.
RSENSE is the selected sense resistor.
MI_Amplifier_Gain is the gain of the measure current
instrumentation amplifier. This gain can be set to 5 or
10 via the serial interface.
The ISENSE amplifier is biased by the offset DAC output voltage in
such a way as to center the measure current output regardless of
the voltage span used.
In the ±200 μA range with the 5 kΩ sense resistor and an ISENSE
gain of 10, the maximum current range possible is ±225 μA.
Similarly, for the other current ranges, there is an overrange of
12.5% to allow for error correction.
DUTGND
DUT
RSENSE
INTERNAL RANGE SELECT
(±5µA, ±20µA, ±200µA, ±2mA)
FIN
DAC
–
–
–
+
+
+
–
–
–
+
–
+
+
+
×5 or ×10
×1
AGND
VMID TO
CENTER
I RANGE
RSENSE
(UP TO
±80mA)
MEASVHx
EXTMEASIHx
EXTMEASILx
FOHx
EXTFOHx
CFFx
MEASOUTx
FORCE
AMPLIFIER
MEASURE CURRENT
AMPLIFIER
4k
Ω
2k
Ω
×1 OR
×0.2
4k
Ω
Figure 52. Forcing Current, Measuring Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com