Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 1 Page - Analog Devices

  AD5522 Datasheet HTML 1Page - Analog Devices AD5522 Datasheet HTML 2Page - Analog Devices AD5522 Datasheet HTML 3Page - Analog Devices AD5522 Datasheet HTML 4Page - Analog Devices AD5522 Datasheet HTML 5Page - Analog Devices AD5522 Datasheet HTML 6Page - Analog Devices AD5522 Datasheet HTML 7Page - Analog Devices AD5522 Datasheet HTML 8Page - Analog Devices AD5522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Quad Parametric Measurement Unit with
Integrated 16-Bit Level Setting DACs
AD5522
Rev.
Info
res
righ
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
A
rmation furnished by Analog Devices is believed to be accurate and reliable. However, no
ponsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
tsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S
FEATURES
Quad parametric measurement unit (PMU)
FV, FI, FN (high-Z), MV, MI functions
4 programmable current ranges (internal RSENSE)
±5 μA, ±20 μA, ±200 μA, and ±2 mA
1 programmable current range up to ±80 mA (external RSENSE)
22.5 V FV range with asymmetrical operation
Integrated 16-bit DACs provide programmable levels
Gain and offset correction on chip
Low capacitance outputs suited to relayless systems
On-chip comparators per channel
FI voltage clamps and FV current clamps
Guard drive amplifier
System PMU connections
Programmable temperature shutdown
SPI- and LVDS-compatible interfaces
Compact 80-lead TQFP with exposed pad (top or bottom)
APPLICATIONS
Automated test equipment (ATE)
Per-pin parametric measurement unit
Continuity and leakage testing
Device power supply
Instrumentation
Source measure unit (SMU)
Precision measurement
FUNCTIONAL BLOCK DIAGRAM
16
16
16
DUTGND
MEASVH[0:3]
GUARD[0:3]
CGALM
SCLK
SYNC
SDI
SDO
CPOL0/
SCLK
CPOL2/
CPO0
CPOH2/
CPO1
CPOL3/
CPO2
CPOH3/
CPO3
SERIAL
INTERFACE
CPOH0/
SDI
CPOL1/
SYNC
CPOH1/
SDO
SPI/
LVDS
RESET
BUSY
16
CLAMP AND
GUARD
ALARM
TEMP
SENSOR
POWER-ON
RESET
GUARDIN[0:3]/
DUTGND[0:3]
DUT
EXTERNA L
RSENSE
(CURRENTS
UP TO ±80mA)
EXTMEASIH[0:3]
EXTMEASIL[0:3]
FOH[0:3]
CLL
AGND
+
–
MEASOUT[0:3]
EXTFOH[0:3]
CFF[0:3]
FIN
CLH
AVSS
AVDD
×4
DGND
CPH
COMPARATOR
CCOMP[0:3]
LOAD
CPL
SYS_FORCE SYS_SENSE
DVCC
AGND
INTERNAL RANGE SELECT
(±5µA, ±20µA, ±200µA, ±2mA)
–
–
–
–
+
+
–
+
–
+
+
+
RSENSE
–
–
+
+
16
16
16
16
16
VREF
16
X1 REG
C REG
M REG
16
16
16
16
16
16
16
16-BIT
FIN DAC
×5 or ×10
×1
TMPALM
×2
AGND
16-BIT
CLH DAC
MEASOUT
MUX AND GAIN
×1/×0.2
X1 REG
C REG
M REG
X1 REG
C REG
M REG
16
×2
16
16
16
16
X1 REG
C REG
M REG
×6
×6
16-BIT
OFFSET
DAC
REFGND
OFFSET DAC
TO ALL DAC
OUTPUT
AMPLIFIERS
FORCE
AMPLIFIER
16-BIT
CLL DAC
16-BIT
CPH DAC
16-BIT
CPL DAC
SW2
SW4
SW6
SW5
SW9
SW8
SW10
SW11
MEASURE
VOLTAGE
IN-AMP
MEASURE
CURRENT
IN-AMP
TEMP
SENSOR
SW1
SW3
60
Ω
TO
MEASOUT
MUX
SW12
X1 REG
C REG
M REG
×6
EN
1k
Ω
X2 REG
×2
X2 REG
X2 REG
×6
X2 REG
X2 REG
×6
×6
×2
GUARD AMP
SW13
SW14
AGND
10k
Ω
SW15
SW16
DUTGND
VMID TO
CENTER
I RANGE
+
–
AGND
SW7
4k
Ω
2k
Ω
MEASVH
(Hi-Z)
4k
Ω
Figure 1.


Similar Part No. - AD5522

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522 Datasheet
1Mb / 65P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
23-Feb-2017
AD5522JSVD AD-AD5522JSVD Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522JSVDZ AD-AD5522JSVDZ Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
More results

Similar Description - AD5522

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520 Datasheet
763Kb / 20P
Per Pin Parametric Measurement Unit/Source Measure Unit
10/03-Data Sheet changed from REV. 0 to REV. A.
AD5522 AD-AD5522 Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5560 AD-AD5560 Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
Per Pin Parametric Measurement Unit/Source Measure Unit
9/05-Rev. A to Rev. B
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
23-Feb-2017
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com