Electronic Components Datasheet Search
  English  ▼

X  

AD5752BREZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5752BREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752BREZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5752BREZ Datasheet HTML 11Page - Analog Devices AD5752BREZ Datasheet HTML 12Page - Analog Devices AD5752BREZ Datasheet HTML 13Page - Analog Devices AD5752BREZ Datasheet HTML 14Page - Analog Devices AD5752BREZ Datasheet HTML 15Page - Analog Devices AD5752BREZ Datasheet HTML 16Page - Analog Devices AD5752BREZ Datasheet HTML 17Page - Analog Devices AD5752BREZ Datasheet HTML 18Page - Analog Devices AD5752BREZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 15 of 32
–10
–8
–6
–4
–2
0
2
4
0
2000
4000
6000
8000
10000
12000
14000
16000
CODE
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
Figure 36. AD5732 Total Unadjusted Error vs. Code
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
Figure 37. AD5722 Total Unadjusted Error vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com