Electronic Components Datasheet Search
  English  ▼

X  

AD5752BREZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD5752BREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752BREZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5752BREZ Datasheet HTML 24Page - Analog Devices AD5752BREZ Datasheet HTML 25Page - Analog Devices AD5752BREZ Datasheet HTML 26Page - Analog Devices AD5752BREZ Datasheet HTML 27Page - Analog Devices AD5752BREZ Datasheet HTML 28Page - Analog Devices AD5752BREZ Datasheet HTML 29Page - Analog Devices AD5752BREZ Datasheet HTML 30Page - Analog Devices AD5752BREZ Datasheet HTML 31Page - Analog Devices AD5752BREZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 29 of 32
long-term drift specification ensures that the overall
solution remains relatively stable over its entire lifetime.
•
Reference output voltage noise needs to be considered in
high accuracy applications that have relatively low noise
budgets. It is important to choose a reference with as low
an output noise voltage as practical for the required system
resolution. Precision voltage references such as the ADR431
(XFET® design) produce low output noise in the 0.1 Hz to
10 Hz range. However, as the circuit bandwidth increases,
filtering the output of the reference may be required to
minimize the output noise.
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5722/AD5732/AD5752 is
via a serial bus that uses a standard protocol compatible with
microcontrollers and DSP processors. The communications
channel is a 3-wire (minimum) interface consisting of a clock
signal, a data signal, and a synchronization signal. The AD5722/
AD5732/AD5752 require a 24-bit data-word with data valid on
the falling edge of SCLK.
For all interfaces, the DAC output update can be initiated
automatically when all the data is clocked in, or it can be
performed under the control of LDAC
AD5722/AD5732/AD5752 to Blackfin® DSP Interface
. The contents of the
registers can be read using the readback function.
Figure 44 shows how the AD5722/AD5732/AD5752 can be
interfaced to the Analog Devices Blackfin DSP. The Blackfin has
an integrated SPI port that can be connected directly to the SPI
pins of the AD5722/AD5732/AD5752 and the programmable I/O
pins that can be used to set the state of a digital input such as
the LDAC
SYNC
ADSP-BF531
AD5722/
AD5732/
AD5752
SCLK
SDIN
SPISELx
SCK
MOSI
LDAC
PF10
pin.
Figure 44. AD5722/AD5732/AD5752 to Blackfin Interface
Table 28. Some Precision References Recommended for Use with the AD5722/AD5732/AD5752
Part No.
Initial Accuracy (mV max)
Long-Term Drift (ppm typ)
Temp Drift (ppm/°C max)
0.1 Hz to 10 Hz Noise (µV p-p typ)
ADR431
±1
40
3
3.5
ADR421
±1
50
3
1.75
ADR03
±2.5
50
3
6
ADR291
±2
50
8
8
AD780
±1
20
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com