Electronic Components Datasheet Search
  English  ▼

X  

AD5744R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5744R
Description  Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744R Datasheet(HTML) 3 Page - Analog Devices

  AD5744R Datasheet HTML 1Page - Analog Devices AD5744R Datasheet HTML 2Page - Analog Devices AD5744R Datasheet HTML 3Page - Analog Devices AD5744R Datasheet HTML 4Page - Analog Devices AD5744R Datasheet HTML 5Page - Analog Devices AD5744R Datasheet HTML 6Page - Analog Devices AD5744R Datasheet HTML 7Page - Analog Devices AD5744R Datasheet HTML 8Page - Analog Devices AD5744R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD5744R
Rev. A | Page 3 of 32
FUNCTIONAL BLOCK DIAGRAM
INPUT
REG C
GAIN REG C
DAC
REG C
14
DAC C
INPUT
REG D
GAIN REG D
DAC
REG D
14
DAC D
G1
G2
INPUT
REG B
GAIN REG B
DAC
REG B
14
DAC B
INPUT
REG A
GAIN REG A
DAC
5V
REFERENCE
REG A
14
14
DAC A
LDAC
REFCD
RSTIN
RSTOUT
REFAB
REFGND
AGNDD
VOUTD
AGNDC
VOUTC
AGNDB
VOUTB
AGNDA
VOUTA
ISCC
REFERENCE
BUFFERS
SDIN
SCLK
SYNC
SDO
D0
D1
BIN/2sCOMP
CLR
PGND
DVCC
DGND
G1
G2
G1
G2
G1
G2
AVDD AVSS AVDD
INPUT
SHIFT
REGISTER
AND
CONTROL
LOGIC
VOLTAGE
MONITOR
AND
CONTROL
REFERENCE
BUFFERS
TEMP
SENSOR
TEMP
AVSS
REFOUT
AD5744R
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com