Electronic Components Datasheet Search
  English  ▼

X  

DSP56725 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56725
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56725 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56725 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
33
1.2.9
EMC Timing Specifications—DSP56724
Table 16 lists the EMC timing parameters with EMC PLL enabled.
NOTE
The DSP56725 device does not have an EMC module.
Table 16. EMC Timing Parameters (EMC PLL Enabled; LCRR[CLKDIV] = 2)
Parameter
Symbol
Min
Max
Unit
LCLK cycle time
Tclk
2
× Tc
—ns
LCLK skew to LSYNC_OUT
Tclk_skew
—
160
ps
Input setup to LSYNC_IN (except LGTA/LUPWAIT)
Tin_s
3—
ns
Input hold from LSYNC_IN (except LGTA/LUPWAIT)
Tin_h
2—
ns
LGTA valid time
Tgta
12
—
ns
LUPWAIT valid time
Tupwait
12
—
ns
LALE negedge to LAD (address phase) invalid (address latch hold time)
Tale_h
3—
ns
LALE valid time
Tale
3.8
—
ns
Output setup from LSYNC_IN (except LAD[23:0] and LALE)
Tout_s
4—
ns
Output hold from LSYNC_IN (except LAD[23:0] and LALE)
Tout_h
2—
ns
LAD[23:0] output setup from LSYNC_IN
Tad_s
3.5
—
ns
LAD[23:0] output hold from LSYNC_IN
Tad_h
1.5
—
ns
LSYNC_IN to output high impedance for LAD[23:0]
Tad_z
—4.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com