Electronic Components Datasheet Search
  English  ▼

X  

AD7352 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7352 Datasheet HTML 2Page - Analog Devices AD7352 Datasheet HTML 3Page - Analog Devices AD7352 Datasheet HTML 4Page - Analog Devices AD7352 Datasheet HTML 5Page - Analog Devices AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices AD7352 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7352
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to AGND, DGND, REFGND
−0.3 V to +3 V
VDRIVE to AGND, DGND, REFGND
−0.3 V to +5 V
VDD to VDRIVE
−5 V to +3 V
AGND to DGND to REFGND
−0.3 V to +0.3 V
Analog Input Voltages1 to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltages2 to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltages3 to DGND
−0.3 V to VDRIVE + 0.3 V
Input Current to Any Pin Except Supply Pins4
±10 mA
Operating Temperature Range
Y Grade
−40°C to +125°C
B Grade
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP
θJA Thermal Impedance
143°C/W
θJC Thermal Impedance
45°C/W
Lead Temperature, Soldering
Reflow Temperature (10 sec to 30 sec)
255°C
ESD
1.5 kV
1 Analog input voltages are VINA+, VINA−, VINB+, VINB−, REFA, and REFB.
2 Digital input voltages are CS and SCLK.
3 Digital output voltages are SDATAA and SDATAB.
4 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com