Electronic Components Datasheet Search
  English  ▼

X  

AD7352 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7352 Datasheet HTML 10Page - Analog Devices AD7352 Datasheet HTML 11Page - Analog Devices AD7352 Datasheet HTML 12Page - Analog Devices AD7352 Datasheet HTML 13Page - Analog Devices AD7352 Datasheet HTML 14Page - Analog Devices AD7352 Datasheet HTML 15Page - Analog Devices AD7352 Datasheet HTML 16Page - Analog Devices AD7352 Datasheet HTML 17Page - Analog Devices AD7352 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7352
Rev. 0 | Page 14 of 20
DRIVING DIFFERENTIAL INPUTS
The voltage applied to Point A sets up the common-mode
voltage. In both diagrams, it is connected in some way to the
reference. The AD8022 is a suitable dual op amp that could be
used in this configuration to provide differential drive to the
AD7352.
Differential operation requires VIN+ and VIN− to be driven
simultaneously with two equal signals that are 180° out of
phase. Because not all applications have a signal preconditioned
for differential operation, there is often a need to perform a
single-ended-to-differential conversion.
GND
2 × VREF p-p
27Ω
27Ω
V+
V–
V+
V–
VREF
1.024V
2.048V
0V
1.024V
2.048V
0V
REFA/REFB
VIN+
AD7352*
VIN–
220Ω
10µF
*ADDITIONAL PINS OMITTED FOR CLARITY.
220Ω
220Ω
10kΩ
A
440Ω
Differential Amplifier
An ideal method of applying differential drive to the AD7352
is to use a differential amplifier such as the AD8138. This part
can be used as a single-ended-to-differential amplifier or as a
differential-to-differential amplifier. The AD8138 also provides
common-mode level shifting. Figure 20 shows how the AD8138
can be used as a single-ended-to-differential amplifier. The
positive and negative outputs of the AD8138 are connected to
the respective inputs on the ADC via a pair of series resistors
to minimize the effects of switched capacitance on the front end
of the ADC. The architecture of the AD8138 results in outputs
that are very highly balanced over a wide frequency range
without requiring tightly matched external components.
Figure 21. Dual Op Amp Circuit to Convert a Single-Ended Unipolar Signal
into a Differential Signal
GND
2 × VREF p-p
27Ω
27Ω
V+
V–
V+
V–
1.024V
2.048V
0V
1.024V
2.048V
0V
REFA/REFB
VIN+
AD7352*
VIN–
220Ω
10µF
*ADDITIONAL PINS OMITTED FOR CLARITY.
220Ω
220Ω
10kΩ
A
440Ω
20kΩ
220Ω
+2.048V
GND
–2.048V
AD8138
RG1
RS*
RS*
RG2
RF2
VOCM
RF1
2.048V
VIN+
VIN–
1.024V
0V
2.048V
1.024V
0V
AD7352
CF1
CF2
10kΩ
10kΩ
10µF
REFA/REFB
*MOUNT AS CLOSE TO THE AD7352 AS POSSIBLE
AND ENSURE THAT HIGH PRECISION RS RESISTORS ARE USED.
RS – 33Ω; RG1 = RF1 = RF2 = 499Ω; CF1 = CF2 = 39pF;
RG2 = 523Ω
51Ω
Figure 22. Dual Op Amp Circuit to Convert a Single-Ended Bipolar Signal into
a Differential Unipolar Signal
ADC TRANSFER FUNCTION
Figure 20. Using the AD8138 as a Single-Ended-to-Differential Amplifier
The output coding for the AD7352 is straight binary. The designed
code transitions occur at successive LSB values (1 LSB, 2 LSBs,
and so on). The LSB size is (2 × VREF)/4096. The ideal transfer
characteristic is shown in Figure 23.
If the analog inputs source being used has zero impedance, all
four resistors (RG1, RG2, RF1, and RF2) should be the same value
as each other. If the source has a 50 Ω impedance and a 50 Ω
termination, for example, increase the value of RG2 by 25 Ω to
balance this parallel impedance on the input and thus ensure
that both the positive and negative analog inputs have the
same gain. The outputs of the amplifier are perfectly matched,
balanced differential outputs of identical amplitude, and are
exactly 180° out of phase.
000 ... 000
000 ... 001
000 ... 010
111 ... 101
111 ... 110
111 ... 111
ANALOG INPUT
–VREF + 0.5 LSB
–VREF + 1 LSB
+VREF – 1.5 LSB
+VREF – 1 LSB
Op Amp Pair
An op amp pair can be used to directly couple a differential
signal to one of the analog input pairs of the AD7352. The
circuit configurations in Figure 21 and Figure 22 show how an
op amp pair can be used to convert a single-ended signal into
a differential signal for both a bipolar and unipolar input signal,
respectively.
Figure 23. AD7352 Ideal Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com