Electronic Components Datasheet Search
  English  ▼

X  

AD7401AYRWZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7401AYRWZ
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401AYRWZ Datasheet(HTML) 5 Page - Analog Devices

  AD7401AYRWZ Datasheet HTML 1Page - Analog Devices AD7401AYRWZ Datasheet HTML 2Page - Analog Devices AD7401AYRWZ Datasheet HTML 3Page - Analog Devices AD7401AYRWZ Datasheet HTML 4Page - Analog Devices AD7401AYRWZ Datasheet HTML 5Page - Analog Devices AD7401AYRWZ Datasheet HTML 6Page - Analog Devices AD7401AYRWZ Datasheet HTML 7Page - Analog Devices AD7401AYRWZ Datasheet HTML 8Page - Analog Devices AD7401AYRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7401A
Rev. 0 | Page 5 of 20
TIMING SPECIFICATIONS
VDD1 = 4.5 V to 5.5 V, VDD2 = 3 V to 5.5 V, TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter1
Limit at TMIN, TMAX
Unit
Description
fMCLKIN2, 3
20
MHz max
Master clock input frequency
5
MHz min
Master clock input frequency
t14
25
ns max
Data access time after MCLKIN rising edge
t24
15
ns min
Data hold time after MCLKIN rising edge
t3
0.4 × tMCLKIN
ns min
Master clock low time
t4
0.4 × tMCLKIN
ns min
Master clock high time
1 Sample tested during initial release to ensure compliance.
2 Mark space ratio for clock input is 40/60 to 60/40 for fMCLKIN ≤ 16 MHz and 48/52 to 52/48 for 16 MHz < fMCLKIN < 20 MHz.
3 VDD1 = VDD2 = 5 V
± 5% for fMCLKIN > 16 MHz to 20 MHz.
4 Measured with the load circuit of
and defined as the time required for the output to cross 0.8 V or 2.0 V.
Figure 2
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
25pF
Figure 2. Load Circuit for Digital Output Timing Specifications
MCLKIN
MDAT
t1
t2
t4
t3
Figure 3. Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com