Electronic Components Datasheet Search
  English  ▼

X  

AD7401AYRWZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7401AYRWZ
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401AYRWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7401AYRWZ Datasheet HTML 4Page - Analog Devices AD7401AYRWZ Datasheet HTML 5Page - Analog Devices AD7401AYRWZ Datasheet HTML 6Page - Analog Devices AD7401AYRWZ Datasheet HTML 7Page - Analog Devices AD7401AYRWZ Datasheet HTML 8Page - Analog Devices AD7401AYRWZ Datasheet HTML 9Page - Analog Devices AD7401AYRWZ Datasheet HTML 10Page - Analog Devices AD7401AYRWZ Datasheet HTML 11Page - Analog Devices AD7401AYRWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7401A
Rev. 0 | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
their respective ground.
Table 6.
Parameter
Rating
VDD1 to GND1
−0.3 V to +6.5 V
VDD2 to GND2
−0.3 V to +6.5 V
Analog Input Voltage to GND1
−0.3 V to VDD1 + 0.3 V
Digital Input Voltage to GND2
−0.3 V to VDD1 + 0.5 V
Output Voltage to GND2
−0.3 V to VDD2 + 0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
o +150°C
−65°C t
Junction Temperature
150°C
SOIC Package
θJA Thermal Impedance2
89.2°C/W
θJC Thermal Impedance2
W
55.6°C/
Resistance (Input to Output), RI-O
1012 Ω
Capacitance (Input to Output), CI-O3
yp
1.7 pF t
Pb
mperature, Soldering
-Free Te
Reflow
260°C
ESD
1.5 kV
1 Transient currents of up to 100 mA do not cause SCR to latch up.
standard board.
3 f = 1 MHz.
2 EDEC 2S2P
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 7. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage,
Bipolar Waveform
565
V peak
50-year minimum lifetime
AC Voltage,
Unipolar Waveform
891
V peak
Maximum CSA/VDE
approved working
voltage
DC Voltage
891
V
Maximum CSA/VDE
approved working
voltage
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com