Electronic Components Datasheet Search
  English  ▼

X  

AD8366 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8366
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8366 Datasheet HTML 3Page - Analog Devices AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices AD8366 Datasheet HTML 10Page - Analog Devices AD8366 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary Technical Data
AD8366
Rev. PrC | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Gain vs. Frequency for Multiple Gain Codes
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
15.5
16.5
17.5
18.5
19.5
20.5
Ideal Gain (dB)
Figure 4. IQ Gain Mismatch at 10 MHz vs. Ideal Gain
0
10
20
30
40
50
60
70
80
90
4
6
8
10
12
14
16
18
20
22
Gain (dB)
0
2
4
6
8
10
12
14
16
18
20
OIP3
OIP2
NF
Figure 5.O IP2,OIP3 and NF vs. Gain at 10 MHz
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
4
8
12
1620
24
28
323640
4448
5256
6064
Gaincodes
10MHz
100MHz
50MHz
Figure 6. Gain Error vs. Ideal Gain Codes at 10MHz, 50MHz and 100MHz
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
4
5
6
7
8
9
10
11
12
1314151617
18
192021
Ideal Gain (dB)
Figure 7. IQ Phase Mismatch at 10 MHz vs. Ideal Gain
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
4.00
6.00
8.00
10.00
-21.00
-19.00
-17.00
-15.00
-13.00
-11.00
-9.00
-7.00
-5.00
-3.00
-1.00
Input (dBVRMS)
10.00
11.00
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
Figure 8. Gain & Output Swing vs. Input Power at Max Gain Setting at
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com