Electronic Components Datasheet Search
  English  ▼

X  

AD8366 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8366
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 1 Page - Analog Devices

  AD8366 Datasheet HTML 1Page - Analog Devices AD8366 Datasheet HTML 2Page - Analog Devices AD8366 Datasheet HTML 3Page - Analog Devices AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DC to 500 MHz,
Dual Digital Gain Trim Amplifier
Preliminary Technical Data
AD8366
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
8 Analog Devices, Inc. All rights reserved.
FEATURES
Matched Pair of Differential Digitally-Controlled VGAs
Gain Range: 4.5 dB to 20.5 dB
Step 0.25 dB
Operating frequency
DC to 500MHz
800MHz 3-dB bandwidth
NF 10.5 dB @ max. gain, 18dB @ min. gain at 10MHz
OIP3 36dBVrms at 10MHz
HD2, HD3 > 88dBc for 2Vpp output at 10MHz at max gain
Differential Input and Output
Adjustable output common-mode
Optional DC output offset correction
Serial/Parallel Port Programmable
Power-down Feature
Single 5V Supply Operation
APPLICATIONS
Baseband I/Q receivers
Diversity receivers
ADC drivers
W-CDMA/CDMA/CDMA2000/GSM
Point-to-(Multi)Point Radio
CATV
Wireless local loop
WiMax
FUNCTIONAL BLOCK DIAGRAM
DC OFFSET
CANCELLATION
CHANNEL
GAIN
CONTROL
B4
B3
B2
B1
B0
Ch. B Data Enable
Serial /
Parallel
AD8366
IAN
IAP
VCMA
VCMB
OAN
OAP
IBP
IBN
OBP
OBN
B5
DC OFFSET
CANCELLATION
Ch. A Data Enable
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The AD8366 is a matched pair of fully differential low-noise
and low-distortion digitally programmable variable gain
amplifiers. The gain of each amplifier can be programmed
separately or simultaneously over a range of 5 dB to 21 dB in
steps of 0.25 dB. The amplifier offers flat frequency
performance and group delay from DC out to 150 MHz,
independent of gain code.
The AD8366 offers excellent spurious-free dynamic range,
suitable for driving 12-bit ADCs. The NF at max gain is 10.5 dB
at 10 MHz and increases 2dB for every 4dB decrease in gain.
Over the entire gain range, the HD3 and HD2 are >88dBc for
2 V p-p at the output at 10 MHz into 500 Ω. The 2-tone
intermodulation distortion of -90dBc into 200 Ω translates to
an OIP3 of 43 dBm. The differential input impedance is 200 Ω
to provide a well-defined termination. The differential output is
voltage-mode with a low impedance of 30 Ω.
The output common-mode defaults to Vps/2 but can be
programmed via pins VCMA and VCMB over a range of
voltages. The built-in DC-offset compensation loop can be
disabled if DC-coupled operation is desired. The high-pass
corner is defined by external capacitors on pins OFSA and
OFSB. The input common mode also defaults to Vps/2 but can
be driven from 1.2V to 3.4V.
The digital interface allows for parallel or serial gain
programming. The AD8366 operates off a 4.5V to 5.5V supply
and consumes a supply current of 175mA. When disabled, it
consumes ~ 4mA. The AD8366 is fabricated using Analog
Devices’ advanced Silicon-Germanium bipolar process and is
available in a 32-lead exposed paddle LFCSP package.
Performance is specified over a -40oC to +85oC temperature
range.


Similar Part No. - AD8366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8366 AD-AD8366 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366 AD-AD8366 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
More results

Similar Description - AD8366

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5506 NSC-CLC5506 Datasheet
250Kb / 12P
Gain Trim Amplifier (GTA)
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
20 MHz to 500 MHz IF Gain Blocks
May-2007
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
500-2700 MHz Variable Gain Amplifier
logo
Teledyne Technologies I...
AGC525 TELEDYNE-AGC525 Datasheet
173Kb / 2P
10 TO 500 MHz TO-8 GAIN CONTROL AMPLIFIER
AGS555 TELEDYNE-AGS555 Datasheet
101Kb / 1P
10 TO 500 MHz SMTO-8 GAIN CONTROL AMPLIFIER
logo
Analog Devices
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
20 MHz to 500 MHz Dual IF Amplifier
2/14-Rev. A to Rev. B
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com