Electronic Components Datasheet Search
  English  ▼

X  

AD9780 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9780
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9780 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9780 Datasheet HTML 28Page - Analog Devices AD9780 Datasheet HTML 29Page - Analog Devices AD9780 Datasheet HTML 30Page - Analog Devices AD9780 Datasheet HTML 31Page - Analog Devices AD9780 Datasheet HTML 32Page - Analog Devices AD9780 Datasheet HTML 33Page - Analog Devices AD9780 Datasheet HTML 34Page - Analog Devices AD9780 Datasheet HTML 35Page - Analog Devices AD9780 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 35 of 36
COMPLIANT TO JEDEC STANDARDS MO-220-VNND-4
OUTLINE DIMENSIONS
0.60
0.42
0.24
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
1
18
54
37
19
36
72
55
0.50
0.40
0.30
8.50 REF
4.70
BSC SQ
EXPOSED
PAD
(BOTTOM VIEW)
TOP VIEW
9.75
BSC SQ
10.00
BSC SQ
PIN 1
INDICATOR
SEATING
PLANE
12° MAX
0.60
0.42
0.24
PIN 1
INDICATOR
0.30
0.23
0.18
0.50
BSC
COPLANARITY
0.08
EXPOSED PAD MUST BE
SOLDERED TO PCB AND
CONNECTED TO AVSS.
Figure 79. 72-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
10 mm × 10 mm, Very Thin Quad
(CP-72-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9780BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9780BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9781BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9781BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9783BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9783BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9780-EBZ1
Evaluation Board
AD9781-EBZ1
Evaluation Board
AD9783-EBZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com