Electronic Components Datasheet Search
  English  ▼

X  

AD9780 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9780
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9780 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9780 Datasheet HTML 19Page - Analog Devices AD9780 Datasheet HTML 20Page - Analog Devices AD9780 Datasheet HTML 21Page - Analog Devices AD9780 Datasheet HTML 22Page - Analog Devices AD9780 Datasheet HTML 23Page - Analog Devices AD9780 Datasheet HTML 24Page - Analog Devices AD9780 Datasheet HTML 25Page - Analog Devices AD9780 Datasheet HTML 26Page - Analog Devices AD9780 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 23 of 36
SPI PORT, RESET, AND PIN MODE
In general, when the AD9780/AD9781/AD9783 are powered
up, an active high pulse applied to the RESET pin should follow.
This ensures the default state of all control register bits. In
addition, once the RESET pin goes low, the SPI port can be
activated; thus, CSB should be held high.
For applications without a controller, the AD9780/AD9781/
AD9783 also supports pin mode operation, which allows some
functional options to be pin selected without the use of the SPI
port. Pin mode is enabled anytime the RESET pin is held high.
In pin mode, the four SPI port pins take on secondary
functions, as shown in Table 13.
Table 13. SPI Pin Functions (Pin Mode)
Pin
Name
Pin Mode Function
SDIO
DATA (Register 0x02, Bit 7), bit value (1/0) equals pin
state (high/low).
CSB
Enable mix mode. If CSB is high, Register 0x0A is set
to 0x05, putting both DAC1 and DAC2 into mix mode.
SDO
Enable full power-down. If SDO is high, Register 0x03
is set to 0xFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com