Electronic Components Datasheet Search
  English  ▼

X  

TS4972IJT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4972IJT
Description  1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972IJT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4972IJT Datasheet HTML 18Page - STMicroelectronics TS4972IJT Datasheet HTML 19Page - STMicroelectronics TS4972IJT Datasheet HTML 20Page - STMicroelectronics TS4972IJT Datasheet HTML 21Page - STMicroelectronics TS4972IJT Datasheet HTML 22Page - STMicroelectronics TS4972IJT Datasheet HTML 23Page - STMicroelectronics TS4972IJT Datasheet HTML 24Page - STMicroelectronics TS4972IJT Datasheet HTML 25Page - STMicroelectronics TS4972IJT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TS4972
22/28
The charge time of Cb is directly proportional to
the internal generator resistance 50k
Ω.
Then, the charge time constant for Cb is
τb = 50kΩxCb (s)
As Cb is directly connected to the non-inverting
input (pin 2 & 3) and if we want to minimize, in
amplitude and duration, the output spike on Vout1
(pin 5), Cin must be charged faster than Cb. The
charge time constant of Cin is
τin = (Rin+Rfeed)xCin (s)
Thus we have the relation
τin << τb (s)
The respect of this relation permits to minimize the
pop and click noise.
Remark : Minimize Cin and Cb has a benefit on
pop and click phenomena but also on cost and
size of the application.
Example : your target for the -3dB cut off
frequency is 100 Hz. With Rin=Rfeed=22 k
Ω,
Cin=72nF (in fact 82nF or 100nF).
With Cb=1µF, if you choose the one of the latest
two values of Cin, the pop and click phenomena at
power supply ON or standby function ON/OFF will
be very small
50 k
Ωx1µF >> 44kΩx100nF (50ms >> 4.4ms).
Increasing Cin value increases the pop and click
phenomena to an unpleasant sound at power
supply ON and standby function ON/OFF.
Why Cs is not important in pop and click
consideration ?
Hypothesis :
• Cs = 100µF
• Supply voltage = 5V
• Supply voltage internal resistor = 0.1
Ω
• Supply current of the amplifier Icc = 6mA
At power ON of the supply, the supply capacitor is
charged
through
the
internal
power
supply
resistor. So, to reach 5V you need about five to ten
times the charging time constant of Cs (
τs =
0.1xCs (s)).
Then, this time equal 50µs to 100µs <<
τb in the
majority of application.
At power OFF of the supply, Cs is discharged by a
constant current Icc. The discharge time from 5V
to 0V of Cs is:
Now, we must consider the discharge time of Cb.
At power OFF or standby ON, Cb is discharged by
a 100k
Ω resistor. So the discharge time is about
τb
Disch ≈ 3xCbx100kΩ (s).
In the majority of application, Cb=1µF, then
τb
Disch≈300ms >> tdischCs.
s Power amplifier design examples
Given :
• Load impedance : 8
Ω
• Output power @ 1% THD+N : 0.5W
• Input impedance : 10k
Ω min.
• Input voltage peak to peak : 1Vpp
• Bandwidth frequency : 20Hz to 20kHz (0, -3dB)
• Ambient temperature max = 50°C
• SO8 package
First of all, we must calculate the minimum power
supply voltage to obtain 0.5W into 8
Ω. With curves
in fig. 15, we can read 3.5V. Thus, the power
supply voltage value min. will be 3.5V.
Following
the
maximum
power
dissipation
equation
with 3.5V we have Pdissmax=0.31W.
Refer to power derating curves (fig. 20), with
0.31W the maximum ambient temperature will be
100°C. This last value could be higher if you follow
the example layout shown on the demoboard
(better dissipation).
The gain of the amplifier in flat region will be:
We have Rin > 10k
Ω. Let's take Rin = 10kΩ, then
Rfeed = 28.25k
Ω. We could use for Rfeed = 30kΩ
in normalized value and the gain will be Gv = 6.
tDischCs =
5Cs
Icc
-------------- = 83 ms
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
G V =
VOUTPP
VINPP
--------------------- =
22 RL P OUT
VINPP
------------------------------------ = 5.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com