Electronic Components Datasheet Search
  English  ▼

X  

TS4972IJT Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4972IJT
Description  1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972IJT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4972IJT Datasheet HTML 20Page - STMicroelectronics TS4972IJT Datasheet HTML 21Page - STMicroelectronics TS4972IJT Datasheet HTML 22Page - STMicroelectronics TS4972IJT Datasheet HTML 23Page - STMicroelectronics TS4972IJT Datasheet HTML 24Page - STMicroelectronics TS4972IJT Datasheet HTML 25Page - STMicroelectronics TS4972IJT Datasheet HTML 26Page - STMicroelectronics TS4972IJT Datasheet HTML 27Page - STMicroelectronics TS4972IJT Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
TS4972
28/28
PIN OUT (Top View)
MARKING (Top View)
PACKAGE MECHANICAL DATA
FLIP CHIP - 8 BUMPS
s Balls are underneath
12
3
76
5
8
4
Gnd
Bypass
Vout2
Stdby
Vcc
Vout1
Vin
+
Vin
s Die size : (2.26mm
±10%) x (1.6mm ±10%)
s Die height (including bumps) : 650
µm ± 50
s Bumps diameter : 315
µm ±15µm
s Silicon thickness : 400
µm ±25µm
s Pitch: 500
µm ±10µm
2.26
2.26
1.6
0.5
0.5
400µm
250µm
650µm
400µm
250µm
650µm
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com