Electronic Components Datasheet Search
  English  ▼

X  

TLE2144-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144-EP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144-EP Datasheet(HTML) 4 Page - Texas Instruments

  TLE2144-EP Datasheet HTML 1Page - Texas Instruments TLE2144-EP Datasheet HTML 2Page - Texas Instruments TLE2144-EP Datasheet HTML 3Page - Texas Instruments TLE2144-EP Datasheet HTML 4Page - Texas Instruments TLE2144-EP Datasheet HTML 5Page - Texas Instruments TLE2144-EP Datasheet HTML 6Page - Texas Instruments TLE2144-EP Datasheet HTML 7Page - Texas Instruments TLE2144-EP Datasheet HTML 8Page - Texas Instruments TLE2144-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34830
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Maximum Pin Voltage (Except as below)
All other pins -0.3V to Vcc + 0.3V
VCC
6.0
V
Maximum Current (into any pin)
±100
mA
THERMAL RATINGS
Ambient Temperature Range
TA
-40 to 85
°C
Operating Junction Temperature
TJ
-40 to 125
°C
Maximum Junction Temperature
TJMAX
150
°C
Storage Temperature Range
TSTORE
-40 to 150
°C
Power Dissipation (UDFN package with EP soldered to ground plane)
TA = 25°C
TA = 70°C
1790
1140
W
Thermal Resistance (6-LD UDFN)
θJA
θJC
70
10
°C/W
Peak Package Soldering Temperature During Reflow(2),(3)
TPPRT
260
°C
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω), the Machine Model (MM)
(CZAP = 200pF, RZAP = 0Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0pF).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com