Electronic Components Datasheet Search
  English  ▼

X  

TLE2144-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144-EP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144-EP Datasheet(HTML) 3 Page - Texas Instruments

  TLE2144-EP Datasheet HTML 1Page - Texas Instruments TLE2144-EP Datasheet HTML 2Page - Texas Instruments TLE2144-EP Datasheet HTML 3Page - Texas Instruments TLE2144-EP Datasheet HTML 4Page - Texas Instruments TLE2144-EP Datasheet HTML 5Page - Texas Instruments TLE2144-EP Datasheet HTML 6Page - Texas Instruments TLE2144-EP Datasheet HTML 7Page - Texas Instruments TLE2144-EP Datasheet HTML 8Page - Texas Instruments TLE2144-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34830
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34830 Pin Connections
Table 1. 34830 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
VCC
Power
VCC
Supply voltage input
2
IN
Input
Video Input
Video Input
3
GND
Ground
Ground
Ground return for the IC
4
RFREQ
Passive
Frequency Bandwidth
Set
Connection for the resistor to GND to set operating bandwidth
5
OUT
Output
Video Output
Video output
6
EN
Input
Enable
Low = device disabled; High = device enabled
EP
-
Passive
Exposed Pad
Exposed pad for thermal dissipation. Connect the EP to GND or leave
floating. The EP is electrically connected to ground.
6
5
4
1
2
3
Transparent
Top View
VCC
IN
GND
EN
OUT
RFREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com