Electronic Components Datasheet Search
  English  ▼

X  

ADV3200ASWZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADV3200ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200ASWZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV3200ASWZ Datasheet HTML 2Page - Analog Devices ADV3200ASWZ Datasheet HTML 3Page - Analog Devices ADV3200ASWZ Datasheet HTML 4Page - Analog Devices ADV3200ASWZ Datasheet HTML 5Page - Analog Devices ADV3200ASWZ Datasheet HTML 6Page - Analog Devices ADV3200ASWZ Datasheet HTML 7Page - Analog Devices ADV3200ASWZ Datasheet HTML 8Page - Analog Devices ADV3200ASWZ Datasheet HTML 9Page - Analog Devices ADV3200ASWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 6 of
36
CLK
DATA IN
0 1 2 3 4 5 6 7 8 9 10 11 12 13
19
25
31
36
UPDATE
187
192
INCREASING TIME
T = 0
Figure 3. Programming Example
Table 4. Logic Levels, DVCC = 3.3 V
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
DATA OUT
DATA OUT
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
DATA OUT
DATA OUT
2.5 V min
0.8 V max
2.7 V min
0.5 V max
0.5 μA typ
−0.5 μA typ
3 mA typ
−3 mA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com