Electronic Components Datasheet Search
  English  ▼

X  

ADV3200ASWZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV3200ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200ASWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV3200ASWZ Datasheet HTML 6Page - Analog Devices ADV3200ASWZ Datasheet HTML 7Page - Analog Devices ADV3200ASWZ Datasheet HTML 8Page - Analog Devices ADV3200ASWZ Datasheet HTML 9Page - Analog Devices ADV3200ASWZ Datasheet HTML 10Page - Analog Devices ADV3200ASWZ Datasheet HTML 11Page - Analog Devices ADV3200ASWZ Datasheet HTML 12Page - Analog Devices ADV3200ASWZ Datasheet HTML 13Page - Analog Devices ADV3200ASWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 10 of
36
Pin
Mnemonic
Description
101
IN28
Input Number 28.
102
OSDS28
Control Pin: OSD Select Number 28.
103
IN27
Input Number 27.
104
OSDS27
Control Pin: OSD Select Number 27.
105
IN26
Input Number 26.
106
OSDS26
Control Pin: OSD Select Number 26.
107
IN25
Input Number 25.
108
OSDS25
Control Pin: OSD Select Number 25.
109
IN24
Input Number 24.
110
OSDS24
Control Pin: OSD Select Number 24.
111
IN23
Input Number 23.
112
OSDS23
Control Pin: OSD Select Number 23.
113
IN22
Input Number 22.
114
OSDS22
Control Pin: OSD Select Number 22.
115
IN21
Input Number 21.
116
OSDS21
Control Pin: OSD Select Number 21.
117
IN20
Input Number 20.
118
OSDS20
Control Pin: OSD Select Number 20.
119
IN19
Input Number 19.
120
OSDS19
Control Pin: OSD Select Number 19.
121
IN18
Input Number 18.
122
OSDS18
Control Pin: OSD Select Number 18.
123
IN17
Input Number 17.
124
OSDS17
Control Pin: OSD Select Number 17.
125
IN16
Input Number 16.
126
OSDS16
Control Pin: OSD Select Number 16.
127
OSD15
OSD Input Number 15.
128
OSD14
OSD Input Number 14.
129
OSD13
OSD Input Number 13.
130
OSD12
OSD Input Number 12.
131
OSD11
OSD Input Number 11.
132
VNEG
Analog Negative Power Supply.
133
OSD10
OSD Input Number 10.
134
OSD09
OSD Input Number 9.
135
OSD08
OSD Input Number 8.
136
VPOS
Analog Positive Power Supply.
137
OUT15
Output Number 15.
138
VNEG
Analog Negative Power Supply.
139
OUT14
Output Number 14.
Pin
Mnemonic
Description
140
VPOS
Analog Positive Power Supply.
141
OUT13
Output Number 13.
142
VNEG
Analog Negative Power Supply.
143
OUT12
Output Number 12.
144
VPOS
Analog Positive Power Supply.
145
OUT11
Output Number 11.
146
VNEG
Analog Negative Power Supply.
147
OUT10
Output Number 10.
148
VPOS
Analog Positive Power Supply.
149
OUT09
Output Number 9.
150
VNEG
Analog Negative Power Supply.
151
OUT08
Output Number 8.
152
VPOS
Analog Positive Power Supply.
153
OUT07
Output Number 7.
154
VNEG
Analog Negative Power Supply.
155
OUT06
Output Number 6.
156
VPOS
Analog Positive Power Supply.
157
OUT05
Output Number 5.
158
VNEG
Analog Negative Power Supply.
159
OUT04
Output Number 4.
160
VPOS
Analog Positive Power Supply.
161
OUT03
Output Number 3.
162
VNEG
Analog Negative Power Supply.
163
OUT02
Output Number 2.
164
VPOS
Analog Positive Power Supply.
165
OUT01
Output Number 1.
166
VNEG
Analog Negative Power Supply.
167
OUT00
Output Number 0.
168
VPOS
Analog Positive Power Supply.
169
OSD07
OSD Input Number 7.
170
OSD06
OSD Input Number 6.
171
OSD05
OSD Input Number 5.
172
OSD04
OSD Input Number 4.
173
OSD03
OSD Input Number 3.
174
OSD02
OSD Input Number 2.
175
OSD01
OSD Input Number 1.
176
DGND
Digital Negative Power Supply.
Exposed Pad
Connect to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com