Electronic Components Datasheet Search
  English  ▼

X  

TLV320AIC3107 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3107
Description  LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3107 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC3107 Datasheet HTML 5Page - Texas Instruments TLV320AIC3107 Datasheet HTML 6Page - Texas Instruments TLV320AIC3107 Datasheet HTML 7Page - Texas Instruments TLV320AIC3107 Datasheet HTML 8Page - Texas Instruments TLV320AIC3107 Datasheet HTML 9Page - Texas Instruments TLV320AIC3107 Datasheet HTML 10Page - Texas Instruments TLV320AIC3107 Datasheet HTML 11Page - Texas Instruments TLV320AIC3107 Datasheet HTML 12Page - Texas Instruments TLV320AIC3107 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
TLV320AIC3107
www.ti.com ....................................................................................................................................... SLOS545A – NOVEMBER 2008 – REVISED DECEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, AVDD_DAC, DRVDD, SPVDD = 5 V, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPEAKER AMPLIFIER OUTPUT, LOAD = 8
1 kHz, 0dB full-scale input signal,
Output volume control for left line output = 0 dB, for
Full-scale output voltage
2.5
Vrms
class-D = 0 dB
Output common mode setting = 1.35 V, Fs = 48 kHz
1 kHz, 0dB full-scale input signal,
Output volume control for left line output = -4.5 dB, for
Output voltage
2.875
Vrms
class-D = 6 dB
Output common mode setting = 1.35 V, Fs = 48 kHz
Idle Channel Noise
No input signal, output gain control = 0 dB
-92
dB
1 kHz,–60 dB full-scale input signal,
Output volume control for left line output = 0 dB, for
Dynamic range, A-weighted
91
dB
class-D = 0 dB
Output common mode setting = 1.35 V, Fs = 48 kHz
1 kHz, 0 dB full-scale input signal,
Output volume control for left line output = –4.5 dB, for
1.77%
Total harmonic distortion
class-D = 6 dB
dB
-35
Output common mode setting = 1.35 V, Fs = 48 kHz, 1 W
output power
1 kHz, –6 dB full-scale input signal,
Output volume control for left line output = –4.5 dB, for
0.056%
0.316%
Total harmonic distortion
class-D = 6 dB
dB
-65
-50
Output common mode setting = 1.35 V, Fs = 48 kHz, 250
mW output power
217 Hz Signal applied to SPVDD
37
Power supply rejection ratio
dB
1 kHz Signal applied to SPVDD
33
1 kHz, 0 dB input full-scale signal,
Gain Error
Output volume control = 0 dB,
-1.6
dB
Output common mode setting = 1.35 V, Fs = 48 kHz
DAC DIGITAL INTERPOLATION – FILTER Fs = 48-ksps
Passband
0
0.45 × Fs
Hz
Passband ripple
±0.06
dB
Transition band
0.45 × Fs
0.55 × Fs
Hz
Stopband
0.55 × Fs
7.5 × Fs
Hz
Stopband attenuation
65
dB
Group delay
21/Fs
s
DIGITAL I/O
0.3 ×
VIL
Input low level
–0.3
V
IOVDD
IOVDD > 1.6 V
0.7 × IOVDD
VIH
Input high level(3)
V
IOVDD < 1.6 V
1.1
0.1 ×
VOL
Output low level
V
IOVDD
VOH
Output high level
0.8 × IOVDD
V
(3)
When IOVDD < 1.6V, minimum VIH is 1.1V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV320AIC3107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com