Electronic Components Datasheet Search
  English  ▼

X  

TLV320AIC3107 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3107
Description  LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3107 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC3107 Datasheet HTML 6Page - Texas Instruments TLV320AIC3107 Datasheet HTML 7Page - Texas Instruments TLV320AIC3107 Datasheet HTML 8Page - Texas Instruments TLV320AIC3107 Datasheet HTML 9Page - Texas Instruments TLV320AIC3107 Datasheet HTML 10Page - Texas Instruments TLV320AIC3107 Datasheet HTML 11Page - Texas Instruments TLV320AIC3107 Datasheet HTML 12Page - Texas Instruments TLV320AIC3107 Datasheet HTML 13Page - Texas Instruments TLV320AIC3107 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
TLV320AIC3107
SLOS545A – NOVEMBER 2008 – REVISED DECEMBER 2008 ....................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, AVDD_DAC, DRVDD, SPVDD = 5 V, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION, DRVDD, AVDD_DAC = 3.3 V, SPVDD = 5V, DVDD = 1.8 V, IOVDD = 3.3 V
IDRVDD+IAVDD_DAC
0.1
RESET Held low
µA
IDVDD
0.2
IDRVDD+IAVDD_DAC
2.1
Mono ADC record, Fs = 8 ksps,
mA
I2S Slave, AGC Off, No signal
IDVDD
0.5
IDRVDD+IAVDD_DAC
Stereo ADC record, Fs = 8
4.1
ksps, I2S Slave, AGC Off, No
mA
IDVDD
0.6
signal
IDRVDD+IAVDD_DAC
Stereo ADC record, Fs = 48
4.3
ksps, I2S Slave, AGC Off, No
mA
IDVDD
2.5
signal
IDRVDD+IAVDD_DAC
Stereo DAC Playback to
3.5
Lineout , Analog mixer
mA
bypassed Fs = 48 ksps, I2S
IDVDD
2.3
Slave
IDRVDD+IAVDD_DAC
Stereo DAC Playback to
4.9
Lineout, Fs = 48 ksps, I2S
mA
IDVDD
2.3
Slave, No signal
IDRVDD+IAVDD_DAC
Stereo DAC Playback to stereo
6.7
single-ended headphone, Fs =
mA
IDVDD
2.3
48 ksps, I2S Slave, No signal
IDRVDD+IAVDD_DAC
3.1
Stereo LINEIN to stereo
mA
LINEOUT, No signal
IDVDD
0
IDRVDD+IAVDD_DAC
1.4
Extra power when PLL enabled
mA
IDVDD
0.9
IDRVDD+IAVDD_DAC
28
All blocks powered down,
µA
Headset detection enabled
IDVDD
2
SPVDD
class-D disabled
200
nA
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com