Electronic Components Datasheet Search
  English  ▼

X  

ADV7181CBSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 2Page - Analog Devices ADV7181CBSTZ Datasheet HTML 3Page - Analog Devices ADV7181CBSTZ Datasheet HTML 4Page - Analog Devices ADV7181CBSTZ Datasheet HTML 5Page - Analog Devices ADV7181CBSTZ Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADV7181C
Rev. 0 | Page 6 of 20
TIMING CHARACTERISTICS
AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. TMIN to TMAX = −40°C to +85°C,
unless otherwise noted.
Table 3.
Parameter1, 2
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Crystal Nominal Frequency
28.63636
MHz
Crystal Frequency Stability
±50
ppm
LLC Frequency Range3
12.825
110
MHz
I2C PORT4
SCLK Frequency
400
kHz
SCLK Min Pulse Width High
t1
0.6
μs
SCLK Min Pulse Width Low
t2
1.3
μs
Hold Time (Start Condition)
t3
0.6
μs
Setup Time (Start Condition)
t4
0.6
μs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Time
t6
300
ns
SCLK and SDA Fall Time
t7
300
ns
Setup Time for Stop Condition
t8
0.6
μs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark Space Ratio
t9:t10
45:55
55:45
% duty cycle
DATA and CONTROL OUTPUTS
Data Output Transition Time SDR (SDP)5
t11
Negative clock edge
to start of valid data
3.6
ns
Data Output Transition Time SDR (SDP)5
t12
End of valid data to
negative clock edge
2.4
ns
Data Output Transition Time SDR (CP)6
t13
End of valid data to
negative clock edge
2.8
ns
Data Output Transition Time SDR (CP)6
t14
Negative clock edge
to start of valid data
0.1
ns
Data Output Transition Time DDR (CP)6, 7
t15
Positive clock edge to
end of valid data
−4 + TLLC/4
ns
Data Output Transition Time DDR (CP)6, 7
t16
Positive clock edge to
start of valid data
0.25 + TLLC/4
ns
Data Output Transition Time DDR (CP)6, 7
t17
Negative clock edge
to end of valid data
−2.95 + TLLC/4
ns
Data Output Transition Time DDR (CP)6, 7
t18
Negative clock edge
to start of valid data
−0.5 + TLLC/4
ns
1 The minimum/maximum specifications are guaranteed over this range.
2 Guaranteed by characterization.
3 Maximum LLC frequency is 110 MHz.
4 TTL input values are 0 V to 3 V, with rise/fall times of ≤3 ns, measured between the 10% and 90% points.
5 SDP timing figures obtained using default drive strength value (0xD5) in Register Subaddress 0xF4.
6 CP timing figures obtained using maximum drive strength value (0xFF) in Register Subaddress 0xF4.
7 DDR timing specifications dependent on LLC output pixel clock; TLCC/4 = 9.25 ns at LLC = 27 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com