Electronic Components Datasheet Search
  English  ▼

X  

ADV7181CBSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADV7181C
Rev. 0 | Page 10 of 20
Pin No.
Mnemonic
Type1
Description
51
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is
required to reset the ADV7181C circuitry.
20
LLC
O
Line-Locked Output Clock. This pin is for the pixel data (the range is
12.825 MHz to 110 MHz).
22
XTAL
I
Input pin for 28.63636 MHz crystal, or can be overdriven by an external 3.3 V,
28.63636 MHz clock oscillator source to clock the ADV7181C.
21
XTAL1
O
This pin should be connected to the 28.63636 MHz crystal or left as a no connect if
an external 3.3 V, 28.63636 MHz clock oscillator source is used to clock the
ADV7181C. In crystal mode, the crystal must be a fundamental crystal.
30
ELPF
O
The recommended external loop filter must be connected to this ELPF pin.
9
SFL/SYNC_OUT
O
SFL: Subcarrier Frequency Lock. This pin contains a serial output stream that
can be used to lock the subcarrier frequency when this decoder is connected
to any Analog Devices digital video encoder.
SYNC_OUT: Sliced Synchronization Output Signal Available Only in CP Mode.
41
REFOUT
O
Internal Voltage Reference Output. See Figure 5 for a recommended capacitor
network for this pin.
42
CML
O
Common-Mode Level Pin (CML) for the Internal ADCs. See Figure 5 for a
recommended capacitor network for this pin.
38, 39
CAPY1, CAPY2
I
ADC Capacitor Network. See Figure 5 for a recommended capacitor network for
this pin.
44
CAPC2
I
ADC Capacitor Network. See Figure 5 for a recommended capacitor network for
this pin.
56
HS_IN/CS_IN
I
This pin can be configured in CP mode to be either a digital HS input signal or a
digital CS input signal used to extract timing in a 5-wire or 4-wire RGB mode.
55
VS_IN
I
VS Input Signal. Used in CP mode for 5-wire timing mode.
50
SOG/SOY
I
Sync on Green/Sync on Luma Input. Used in embedded synchronization mode.
29
PWRDWN
I
A Logic 0 on this pin places the ADV7181C in a power-down mode.
33, 45
NC
No Connect. These pins are not connected internally.
1 G = ground, I = input, O = output, I/O = input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com