Electronic Components Datasheet Search
  English  ▼

X  

TPD12S521 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S521
Description  SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S521 Datasheet(HTML) 4 Page - Texas Instruments

  TPD12S521 Datasheet HTML 1Page - Texas Instruments TPD12S521 Datasheet HTML 2Page - Texas Instruments TPD12S521 Datasheet HTML 3Page - Texas Instruments TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPD12S521
SLVS639A – OCTOBER 2007 – REVISED NOVEMBER 2008 .......................................................................................................................................... www.ti.com
PIN DESCRIPTION
NAME
PIN NO.
ESD LEVEL
DESCRIPTION
5V_SUPPLY
1
2 kV(1)
Current source for 5V_OUT
LV_SUPPLY
2
2 kV(1)
Bias for CE/DDC/HOTPLUG level shifters
3, 5, 8, 11,14,
GND, TMDS_GND
NA
TMDS ESD and parasitic GND return(2)
25, 28, 31, 34, 36
TMDS_D2+
4, 35
8 kV(3)
TMDS 0.8-pF ESD protection(4)
TMDS_D2–
6, 33
8 kV(3)
TMDS 0.8-pF ESD protection(4)
TMDS_D1+
7, 32
8 kV(3)
TMDS 0.8-pF ESD protection(4)
TMDS_D1–
9, 30
8 kV(3)
TMDS 0.8-pF ESD protection(4)
TMDS_D0+
10, 29
8 kV(3)
TMDS 0.8-pF ESD protection(4)
TMDS_D0–
12, 27
8 kV(3)
TMDS 0.8-pF ESD protection(4)
TMDS_CK+
13, 26
8 kV(3)
TMDS 0.8-pF ESD protection(4)
TMDS_CK–
15, 24
8 kV(3)
TMDS 0.8-pF ESD protection(4)
CE_REMOTE_IN
16
2 kV(1)
LV_SUPPLY referenced logic level into ASIC
DDC_CLK_IN
17
2 kV(1)
LV_SUPPLY referenced logic level into ASIC
DDC_DAT_IN
18
2 kV(1)
LV_SUPPLY referenced logic level into ASIC
HOTPLUG_DET_IN
19
2 kV(1)
LV_SUPPLY referenced logic level into ASIC
HOTPLUG_DET_OUT
20
8 kV(3)
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD(5) to connector
DDC_DAT_OUT
21
8 kV(3)
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to connector
DDC_CLK_OUT
22
8 kV(3)
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to connector
CE_REMOTE_OUT
23
8 kV(3)
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to connector
ESD_BYP
37
2 kV(1)
ESD bypass. This pin must be connected to a 0.1-
µF ceramic capacitor.
5V_OUT
38
2 kV(1)
5-V regulator output
(1)
Human-Body Model (HBM) per MIL-STD-833, Method 3015, CDISCHARGE = 100 pF, RDISCHARGE = 1.5 kΩ, 5V_SUPPLY and
LV_SUPPLY within recommended operating conitions, GND = 0 V, and ESD_BYP (pin 37) and HOTPLUG_DET_OUT (pin 20) each
bypassed with a 0.1-
µF ceramic capacitor connnected to GND.
(2)
These pins should be routed directly to the associated GND pins on the HDMI connector, with single-point ground vias at the connector.
(3)
Standard IEC 61000-4-2, CDISCHARGE = 150 pF, RDISCHARGE = 330 Ω, 5V_SUPPLY and LV_SUPPLY within recommended operating
conditions, GND = 0 V, and ESD_BYP (pin 37) and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1-
µF ceramic capacitor
connected to GND.
(4)
These two pins must be connected together inline on the PCB.
(5)
This output can be connected to an external 0.1-
µF ceramic capacitor, resulting in an increased ESD withstand voltage rating.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPD12S521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com