Electronic Components Datasheet Search
  English  ▼

X  

TPD12S521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S521
Description  SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S521 Datasheet(HTML) 1 Page - Texas Instruments

  TPD12S521 Datasheet HTML 1Page - Texas Instruments TPD12S521 Datasheet HTML 2Page - Texas Instruments TPD12S521 Datasheet HTML 3Page - Texas Instruments TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
5V_SUPPLY
LV_SUPPLY
GND
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
CE_REMOTE_IN
DDC_CLK_IN
DDC_DAT_IN
HOTPLUG_DET_IN
5V_OUT
ESD_BYP
GND
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
CE_REMOTE_OUT
DDC_CLK_OUT
DDC_DAT_OUT
HOTPLUG_DET_OUT
DBT PACKAGE
(TOP VIEW)
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TPD12S521
www.ti.com .......................................................................................................................................... SLVS639A – OCTOBER 2007 – REVISED NOVEMBER 2008
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
• Single-Chip ESD Solution for High-Definition
Multimedia Interface (HDMI) Driver
• Supports HDMI 1.3 Data Rate
(–3 dB Frequency > 3 GHz)
• 0.8-pF Capacitance for High-Speed Transition
Minimized Differential Signaling (TMDS) Lines
• 0.05-pF Matching Capacitance Between the
Differential Signal Pair
• Integrated Level Shifting for the Control Lines
• ±8-kV Contact ESD Protection on
External Lines
• 38-Pin Thin Shrink Small-Outline Package
(TSSOP) Provides Seamless Layout Option
With HDMI Connector
• Backdrive Protection
• Lead-Free Package
• On-Chip Current Regulator With 55-mA
Current Output
• PCs
• Consumer Electronics
• Set-Top Boxes
• DVDRW Players
The TPD12S521 is a single-chip ESD solution for the high-definition multimedia interface (HDMI) transmitter port.
In many cases, the core ICs, such as the scalar chipset, may not have robust ESD cells to sustain system-level
ESD strikes. In these cases, the TPD12S521 provides the desired system-level ESD protection, such as the the
IEC61000-4-2 (Level 4) ESD, by absorbing the energy associated with the ESD strike.
While providing the ESD protection, the TPD12S521 adds little or no additional glitch in the high-speed
differential signals (see Figure 4 and Figure 5). The high-speed transition minimized differential signaling (TMDS)
lines add only 0.9-pF capacitance to the lines. In addition, the monolithic integrated circuit technology ensures
that there is excellent matching between the two-signal pair of the differential line. This is a direct advantage over
discrete ESD clamp solutions where variations between two different ESD clamps may significantly degrade the
differential signal quality.
The low-speed control lines offer voltage-level shifting to eliminate the need for an external voltage level-shifter
IC. The control line ESD clamps add 3.5-pF capacitance to the control lines. The 38-pin DBT package offers
seamless layout routing option to eliminate the routing glitch for the differential signal pair.
The TPD12S521 provides an on-chip regulator with current output ratings of 55 mA at pin 38. This current
enables HDMI receiver detection even when the receiver device is powered off. DBT package pitch (0.5 mm)
matches with HDMI connector pitch. In addition, pin mapping follows the same order as the HDMI connector pin
mapping. This HDMI receiver port protection and interface device is specifically designed for next-generation
HDMI transmitter protection.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD12S521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
679Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521 Datasheet
469Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI2-TPD12S521 Datasheet
905Kb / 19P
TPD12S521 Single-Chip HDMI Transmitter Port Protection and Interface Device
REVISED FEBRUARY 2016
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
621Kb / 8P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results

Similar Description - TPD12S521

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
Texas Instruments
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
HDMI Transmitter Port Protection and Interface Device
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Texas Instruments
TPD12S521 TI1-TPD12S521_14 Datasheet
469Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
Texas Instruments
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
Single-Chip HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com