Electronic Components Datasheet Search
  English  ▼

X  

DS2711Z Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2711Z
Description  Loose Cell NiMH Chargers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2711Z Datasheet HTML 4Page - Maxim Integrated Products DS2711Z Datasheet HTML 5Page - Maxim Integrated Products DS2711Z Datasheet HTML 6Page - Maxim Integrated Products DS2711Z Datasheet HTML 7Page - Maxim Integrated Products DS2711Z Datasheet HTML 8Page - Maxim Integrated Products DS2711Z Datasheet HTML 9Page - Maxim Integrated Products DS2711Z Datasheet HTML 10Page - Maxim Integrated Products DS2711Z Datasheet HTML 11Page - Maxim Integrated Products DS2711Z Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
8 of 15
Parallel Charge Configuration
The parallel configuration supports two slot stand-alone chargers. Charge pulses are fed alternately to each cell
under the control of the CC1 and CC2 pins so the charge regimes occur in parallel. The duty cycle on CC1 and
CC2 are independent of one another. Transitions from precharge to fast charge, fast charge to top-off, and top-off
to maintenance occur independently for each cell.
The configuration shown in Figure 4 is for charging two cells with the current-sense feedback regulating the charge
source to 2A (RSNS = 0.068
Ω). The effective charge current for each cell is 2A x 0.484 = 0.968A. A charger with
battery holders designed to accept either AA or AAA cell sizes can be constructed with the current-sense
resistance split between two separate resistors so each cell type (AA or AAA) is charged at a different rate.
Mechanical design of the holders is required to prevent insertion of more than one cell in each slot. The holder
design must also prevent electrical contact with reverse polarity insertion.
Figure 4. PARALLEL CONFIGURATION WITH EXTERNAL CURRENT
REGULATION
The series or parallel charge configuration is programmed by strapping LED2 in the low, high, or high-Z (float) state
during power-up. In this example and the following one, the parallel charge mode is selected by pulling LED2 pin
high during power-up. This is accomplished in this example by the LED and 270
Ω resistor. In applications where
only one LED is used, a 100k
Ω pullup resistor is recommended. See Table 3. CHARGE MODE SELECTION on
page 13 for additional configuration programming information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com