Electronic Components Datasheet Search
  English  ▼

X  

DS2711Z Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2711Z
Description  Loose Cell NiMH Chargers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2711Z Datasheet HTML 5Page - Maxim Integrated Products DS2711Z Datasheet HTML 6Page - Maxim Integrated Products DS2711Z Datasheet HTML 7Page - Maxim Integrated Products DS2711Z Datasheet HTML 8Page - Maxim Integrated Products DS2711Z Datasheet HTML 9Page - Maxim Integrated Products DS2711Z Datasheet HTML 10Page - Maxim Integrated Products DS2711Z Datasheet HTML 11Page - Maxim Integrated Products DS2711Z Datasheet HTML 12Page - Maxim Integrated Products DS2711Z Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
9 of 15
DS2712 Parallel Charge Configuration with Switch-Mode Charge Current Regulation
The example in Figure 5 uses the DS2712 to regulate charge current as a switching (buck) regulator. ICHG is set
to 2A using RSNS = 0.056
Ω. The effective charge current for each cell is ICHG x 0.484 = 968mA. The CSOUT
comparator output switches OFF when the voltage across the sense resistor goes above 0.125V and back ON
when the voltage drops below 0.100V. In this mode, the operating frequency is determined primarily by the value of
the inductor, the hysteresis, the input voltage, and the voltage on the cells. In some cases, a damping network may
be required to prevent overshoot with the batteries removed.
Figure 5. PARALLEL CONFIGURATION WITH SWITCH-MODE CURRENT
REGULATION (DS2712 ONLY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com