Electronic Components Datasheet Search
  English  ▼

X  

DS3234 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3234
Description  Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3234 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3234 Datasheet HTML 13Page - Maxim Integrated Products DS3234 Datasheet HTML 14Page - Maxim Integrated Products DS3234 Datasheet HTML 15Page - Maxim Integrated Products DS3234 Datasheet HTML 16Page - Maxim Integrated Products DS3234 Datasheet HTML 17Page - Maxim Integrated Products DS3234 Datasheet HTML 18Page - Maxim Integrated Products DS3234 Datasheet HTML 19Page - Maxim Integrated Products DS3234 Datasheet HTML 20Page - Maxim Integrated Products DS3234 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Extremely Accurate SPI Bus RTC with
Integrated Crystal and SRAM
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 21
© 2008 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.
Marichu Quijano
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
2/06
Initial release.
—
Clarified the behavior of tREC on initial power-up in the
RST description of the
Pin Description.
8
1
7/07
Corrected the POR for the BB32kHz bit from 0 to 1.
15
Updated the Typical Operating Circuit.
1
Removed the VPU parameter from the Recommended DC Operating Conditions
table and added verbiage about the pullup to the Pin Description table for
INT/SQW.
2, 8
In the Electrical Characteristics table, added CRATE1 = CRATE0 = 0 to the
IBATT parameter and changed the symbols for Timekeeping Battery Current,
Temperature Conversion Current, and Data-Retention Current from IBAT, ITC, and
IBATTC to IBATT, IBATTC, and IBATTDR, respectively.
3
In the AC Electrical Characteristics, changed the tCWH specification from 400ns
(max) to 400ns (min).
4
Added the Delta Time and Frequency vs. Temperature graph in the Typical
Operating Characteristics section.
7
Updated the Block Diagram.
9
Added the VBAT Operation section, improved some sections of text for the
Pushbutton Reset Function, Aging Offset Register (10h/90h), and Temperature
Registers (11h–12h) sections.
10, 16
2
10/08
Corrected the description of when the countdown chain is reset in the Clock
and Calendar section.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com