Electronic Components Datasheet Search
  English  ▼

X  

MAX883C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX883C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX883C/D Datasheet HTML 6Page - Maxim Integrated Products MAX883C/D Datasheet HTML 7Page - Maxim Integrated Products MAX883C/D Datasheet HTML 8Page - Maxim Integrated Products MAX883C/D Datasheet HTML 9Page - Maxim Integrated Products MAX883C/D Datasheet HTML 10Page - Maxim Integrated Products MAX883C/D Datasheet HTML 11Page - Maxim Integrated Products MAX883C/D Datasheet HTML 12Page - Maxim Integrated Products MAX883C/D Datasheet HTML 13Page - Maxim Integrated Products MAX883C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
10
______________________________________________________________________________________
The GND pins of the MAX882/MAX883/MAX884 SOIC
package perform the dual function of providing an elect-
rical connection to ground and channeling heat away. Con-
nect all GND pins to ground using a large pad or ground
plane. Where this is impossible, place a copper plane on an
adjacent layer. For a given power dissipation, the pad
should exceed the associated dimensions in Figure 4.
Figure 4 assumes the IC is in an 8-pin small-outline pack-
age that has a maximum junction temperature of +125°C
and is soldered directly to the pad; it also has a +25°C
ambient air temperature and no other heat sources. Use
larger pad sizes for other packages, lower junction tem-
peratures, higher ambient temperatures, or conditions
where the IC is not soldered directly to the heat-sinking
ground pad. When operating C- and E-grade parts up to a
TJ of +125°C, expect performance similar to M-grade
specifications. For TJ between +125°C and +150°C, the
output voltage may drift more.
The MAX882/MAX883/MAX884 can regulate currents up
to 250mA and operate with input voltages up to 11.5V, but
not simultaneously. High output currents can only be sus-
tained when input-output differential voltages are small, as
shown in Figure 5. Maximum power dissipation depends
on packaging, temperature, and air flow. The maximum
output current is as follows:
where P is derived from Figure 4.
I
P(T
T )
(V
V
)100 C
OUT(MAX)
JA
IN
OUT
=
−
−°
1.0
0.9
1.6
1.5
1.4
1.3
1.2
1.1
0.1cm2
0.0155in2
1cm2
0.155in2
10cm2
1.55in2
100cm2
15.5in2
COPPER GROUND PAD AREA
MAX883, VOUT = 5V
8-PIN SO PACKAGE
77.4cm2,
SINGLE-SIDED BOARD
1oz COPPER
GLASS EPOXY,
TJ = +125°C,
TA = +25°C, STILL AIR
250
200
150
100
50
0
SUPPLY VOLTAGE (V)
5
4
3
27
68
10
911
13
12
MAXIMUM POWER
DISSIPATION LIMIT
HIGH-
POWER
SOIC
PLASTIC DIP
CERAMIC DIP
MAXIMUM CURRENT
OPERATING
REGION AT
TA = +25°C
TJ = +125°C
250
200
150
100
50
0
SUPPLY VOLTAGE (V)
5
47
68
10
911
13
12
MAXIMUM POWER
DISSIPATION LIMIT
HIGH-
POWER
SOIC
PLASTIC DIP
CERAMIC DIP
MAXIMUM CURRENT
OPERATING
REGION AT
TA = +25°C
TJ = +125°C
Figure 4. Typical Maximum Power Dissipation vs. Ground Pad
Area
Figure 5a. Safe Operating Regions: MAX882/MAX884 Maximum
Output Current vs. Supply Voltage
Figure 5b. Safe Operating Regions: MAX883 Maximum Output
Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com