Electronic Components Datasheet Search
  English  ▼

X  

MAX883C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX883C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX883C/D Datasheet HTML 7Page - Maxim Integrated Products MAX883C/D Datasheet HTML 8Page - Maxim Integrated Products MAX883C/D Datasheet HTML 9Page - Maxim Integrated Products MAX883C/D Datasheet HTML 10Page - Maxim Integrated Products MAX883C/D Datasheet HTML 11Page - Maxim Integrated Products MAX883C/D Datasheet HTML 12Page - Maxim Integrated Products MAX883C/D Datasheet HTML 13Page - Maxim Integrated Products MAX883C/D Datasheet HTML 14Page - Maxim Integrated Products MAX883C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
______________________________________________________________________________________
11
Reverse-Current Protection
The MAX882/MAX883/MAX884 have a unique protection
scheme that limits reverse currents when the input volt-
age falls below the output. It monitors the voltages on IN
and OUT and switches the IC’s substrate and power bus
to the more positive of the two. The control circuitry is
then able to remain functioning and turn the pass transis-
tor off, limiting reverse currents back through to the input
of the device. In this mode, typical current into OUT to
GND is 15µA at VOUT = 3.3V and 50µA at VOUT = 5V.
Reverse-current protection activates when the voltage
on IN falls 6mV (or 20mV max) below the voltage on
OUT. Before this happens, currents as high as several
milliamperes can flow back through the device.
Low-Battery-Detection Comparator
The MAX882/MAX883/MAX884 provide a low-battery com-
parator that compares the voltage on the LBI pin to the
1.20V internal reference. LBO, an open-drain output, goes
low when LBI is below 1.20V. Hysteresis of 7mV has been
added to the low-battery comparator to provide noise
immunity during switching. LBO remains functional in stand-
by mode for the MAX882, but is undefined in OFF mode for
the MAX883 and MAX884. Tie LBI to IN when not used.
Use a resistor-divider network as shown in Figure 6 to set
the low-battery trip voltage. Current into the LBI input is
±50nA (max), so R2 can be as large as 1M
Ω. Add extra
noise immunity by connecting a small capacitor from LBI
to GND. Additional hysteresis can be added by connect-
ing a high-value resistor from LBI to LBO.
Applications Information
The MAX882/MAX883/MAX884 are series linear regula-
tors designed primarily for battery-powered systems.
Figure 7 shows a typical application.
Standby Mode vs. OFF Mode
STBY is a comparator input that allows the user to set
the standby-mode threshold voltage, while OFF is a
logic-level input. When in standby mode, the output is
disconnected from the input, but the biasing circuitry
(including the low-battery comparator) is kept alive,
causing the device to draw approximately 7µA.
Standby mode is useful in applications where a low-
battery comparator function is still needed in shutdown.
A logic low at the OFF pin turns off all biasing circuitry,
including the LBI/LBO comparator, and reduces supply
current to less than 1µA. OFF mode is useful for maxi-
mizing battery life. There is little difference in the time it
takes to exit standby mode or OFF mode.
Output Capacitor Selection
and Regulator Stability
An output filter capacitor is required at the MAX882/
MAX883/MAX884 OUT pin. The minimum output
capacitance required for stability is 2.2µF.
MAX882
MAX883
MAX884
CIN
O.1
μF
COUT
2.2
μF
OUTPUT
VOLTAGE
BATTERY
LBO
LBI
OFF (STBY)
( ) ARE FOR MAX882.
IN
POWER-
FAIL
INDICATION
R3
R1 + R2
R2
VLBI TRIP = VLBI
, VLBI = 1.20V
OUT
GND
SET
R1
R2
MAX882
MAX883
MAX884
CIN
O.1
μF
COUT
2.2
μF
OUTPUT
VOLTAGE
INPUT
VOLTAGE
BATTERY
OFF (STBY)
ON/OFF
*
* OPTIONAL REVERSE BATTERY PROTECTION
( ) ARE FOR MAX882.
IN
OUT
GND
SET
LBI
Figure 6. Using the Low-Battery Comparator to Monitor Battery
Voltage
Figure 7. Typical 3.3V or 5V Linear Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com