Electronic Components Datasheet Search
  English  ▼

X  

34844 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
34844
TYPICAL APPLICATIONS
COMPONENTS CALCULATION
COMPONENTS CALCULATION
The following formulas are intended for the calculation of
all external components related with the Boost converter and
Network compensation.
In order to calculate a Duty Cycle, the internal losses of the
MOSFET and Diode should be taken into consideration.
The average input current depends directly to the output
current when the internal switch is off.
Inductor
For calculating the Inductor we should consider the losses
of the internal switch and winding resistance of the inductor.
It is important to look for an inductor rated at least for the
maximum input current.
Input Capacitor
The input capacitor should handle at least the following
RMS current.
Output Capacitor
For the output capacitor selection the internal current
sense gain (CSG) and the Transconductance should be
taken in consideration.
The CSG is the internal RSense times the current sense
amplifier gain (ACSA).
The output voltage ripple (
ΔVout) depends on the ESR of
the Output capacitor, for a low output voltage ripple it is
recommended to use Ceramic capacitors that usually have
very low ESR. Since ceramic capacitor are expensive,
Electrolytic or Tantalum capacitors can be mixed with
ceramic capacitors to have a cheaper solution.
The output capacitor should handle at least the following
RMS current.
Network Compensation
Since this Boost converter is current controlled, Type II
compensation is needed.
I order to calculate the Network Compensation, first we
need to calculate all Boost Converter components.
For this type of compensations we need to push out the
Right Half Plane Zero to higher frequencies where it can’t
affect the overall loop significantly.
The Crossover frequency must be set much lower than the
location of the Right half plane zero
Since our system has a fixed Slope compensation set by
RSLOPE, RComp should be fixed for all configurations.
CComp1 and CComp2 should be calculated as follows:
D
Vout VD Vin
–
+
Vout VD VSW
–
+
---------------------------------------------
=
Iinavg
Iout
1D
–
-------------
=
L
Vin VSW
–Iinavg rw
×
()
–
() D
×
Iinavg r
×
FSW
×
----------------------------------------------------------------------------------
=
Iinmax
Iinavg
Vin
Vout Vin
–
()
×
2LFSW Vout
×
×
×
-------------------------------------------------
+
=
IrmsCin
Vin
Vout Vin
–
()
×
2LFSW Vout
×
×
×
-------------------------------------------------
⎝⎠
⎛⎞ 0.3
×
=
CSG
ACSA RSense
×
=
Cout
RComp 5GM
×
Iout L
×
×
×
1D
–
() Vout CSG
×
×
--------------------------------------------------------------------
=
ESRCout
Vout
Vout FSW L
×
×
Δ
×
Vout
1 D
–
()
×
---------------------------------------------------------------
=
IrmsCout
Iout
D
1D
–
-------------
×
=
fRHPZ
Vout
1 D
–
()
2
×
Iout 2
π L
×
×
×
----------------------------------------
=
fCross
fRHPZ
5
---------------
=
RComp
5.6Kohm
=
CComp1
2
fCross RComp π 2
×
×
×
--------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com