Electronic Components Datasheet Search
  English  ▼

X  

34844 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Also the device has a precharge voltage that add 0.5 Volts
to the Boost, cycle by cycle of the PWM. It helps the boost to
respond faster every time the load turns back on again.
CURRENT MIRROR
The programmable current mirror matches the current in
10 LED strings to within 2%. The maximum current is set
using a resistor to GND from the ISET pin. This can be scaled
down using the I2C interface to 255 levels.
Zero current is achieved by turning off the LED Driver by
I2C (registers CHENx = 0h) for a Duty Cycle from 0% to 99%
or by pulling PWM pin low regardless of the Duty Cycle.
I2C capability allow the channels to be controlled
individually or in parallel.
Current on LED Channel (PIN and NIN mode disabled)
Eqn. 1
In the off state, the LEDs current is set to 0 and the boost
converter stops switching.
This feature allows to drive more than 50mA of current by
connecting the LED string to 2 or more LED channels in
parallel. For example; if the application requires to drive 5
channels at 100mA, then the bottom of each LED string
should be connected to two channels in order to duplicate the
current capability (Example: CH0+CH1 = 100mA).
PWM GENERATOR
The PWM generator can operate in either master or slave
modes, as set by the M/~S pin.
In master mode, the internal PWM generator frequency is
programmed through the I2C interface (registers FPWM).
The default programmed value set the number of 25kHz
clocks (40
μs) in one PWM cycle. The 18-bit resolution allows
minimum PWM frequencies of 100Hz to be programmed. The
resulting frequency is output on the CK pin.
PWM Frequency
Eqn. 2
In slave mode, the CK pin acts as an input. The internal
digital PLL uses this frequency as the PWM frequency. By
setting one device as master, and connecting the CK output
to the input on a number of slave configured devices, all
PWM frequencies are synchronized together.
The duty cycle of the PWM waveform in both master and
slave modes is set using a second register on the I2C
interface (register DPWM), and can be controlled from 100%
duty cycle to 1/256 Tpwm = 0.39%. Zero percent of duty cycle
is achieved by turning LED Drivers off (register CHENx = 0h)
or pulling PWM pin low.
An external PWM can also be used. The PWM input is
'AND'ed with the internal signal. By setting the serial interface
to 100% duty cycle (default), the external pin has full control
of the PWM duty cycle. This pin can also be used to modulate
the LED at a lower frequency than the PWM dimming
frequency (Minimum pulse width = 150ns).
A pulsed mode can also be programmed using the I2C
interface (STROBE bit = 1). In this mode, each rising edge of
the PWM signal turns on the next channel, while turning off
all other channels. The duration that the channel is
illuminated is set by the duty cycle of the PWM input pin. This
can be used to scan the output channels.
FAIL PIN
If an LED fails open, the voltage at the LED channel will be
pulled to GND and the LED string open is detected. An error
is registered for that channel, the fail output is set high, and
that channel is turned off. The malfunction channel can be re-
enabled by I2C commands, first clearing the fail (CLRFAIL bit
=1), removing the failure and then re-enabling the channel
driver (Register CHEN). All fails are cleared when the device
is powered up.
If the fail pin cannot be cleared by software then it indicates
that the failure is because of an over-current in the Boost.
Since this is a critical failure the only way to clear it is by
releasing the part from the over-current condition and then
shutdown the part (refer to Table 4).
If I2C communication is not present, FAIL condition should
be reset by removing the failure and re-enabling the device
through the EN pin.
OPTICAL AND TEMPERATURE CONTROL LOOP
The 34844 supports both optical and temperature loop
control.
For temperature loop control, the LED brightness can be
adjusted depending on the temperature of the LEDs.
For optical loop control, the 34844 supports both optical
closed loop backlight control, where the brightness of the
backlight is maintained at a required level by adjusting the
light output, until the desired level is achieved, or with
ambient light control, where the backlight brightness
increases as ambient light increases.
Both temperature and optical loops are supported through
the PIN and NIN pins. Each pin supports a 0-2.048V input
range which affects the current through the LEDs. The PIN
pin increases current as the voltage rises from 0-2.048V. The
NIN pin reduces current as the voltage rises from 0-2.048V.
A 10.2k resistor or higher value must be used at the ISET
pin if the part is configured to use PIN+NIN control loop
functionality, the 50mA maximum current is achieved at the
higher allowed level of PIN/NIN pins, ensuring the maximum
current of the LED Drivers are not exceeded.
The optical and temperature control loop can be disabled
by I2C setting bits (PINEN & NINEN), or by tying PIN and NIN
pins high (>2.2V) it is called Vset mode, and the LED Driver
maximum current is set to 50mA by using a 5.1k resistor at
the ISET pin.
Current A
[]
ICH RegisterValue
[]
RSET ohms
[]
-----------------------------------------------------------
=
PWMFrequency Hz
[]
19.2Mhz
FPWM RegisterValue
[]
--------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com