Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
61
3.9
Low Power Oscillator Electrical Characteristics
The device provides a low power oscillator/resonator driver.
Figure 11. Crystal Oscillator and Resonator Connection Scheme
NOTE
PC[14]/PC[15] must not be directly used to drive external circuits.
IXOSCHS
CC3 Oscillator consumption
fOSC = 4 MHz
—
—
2.43
mA
fOSC = 16 MHz
—
—
2.52
TXOSCHSSU CC
3 Oscillator start-up time
fOSC = 4 MHz,
OSCILLATOR_MARGIN = 0
——
6.0
ms
fOSC = 16 MHz,
OSCILLATOR_MARGIN = 1
——
1.8
VIH
SR Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
0.65VDD
VDD+0.4
V
VIL
SR Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
-0.4
0.35VDD
V
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified
2 All values need to be confirmed during device validation.
3 Data based on simulation results, not tested in production
Table 25. Main Oscillator Electrical Characteristics (continued)
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
CY
CX
PC[14]
PC[15]
RF
PC[14]
PC[15]
DEVICE
DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com