Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
Pinout and Signal Descriptions
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
15
2.4.3
Pad Types
In the device the following types of pads are available for system pins and functional port pins:
S = Slow1
M = Medium1,2
F = Fast1,2
I = Input only with analog feature1
J = Input/Output with analog feature
X = Oscillator
2.4.4
System Pins
The system pins are listed in Table 4.
VSSPLL
PLL ground
30
30
L1
VSSOSC
Oscillator ground
28
28
—
VLCD
3
LCD supply option
21
21
N2
VPP
4
9 V - 12 V flash test analog write signal
26
26
M2
1 Decoupling capacitors must be connected between these pins and the nearest V
SS12 pin.
2 All stepper motor supplies need to be at same level (3.3 V or 5 V).
3 Refer to LCD segment of Reference manual for usage of VLCD as supply/reference voltage source.
4 This signal needs to be connected to ground during normal operation.
1. Refer to Section 3.6, “I/O Pad Electrical Characteristics, for details
2. All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium (refer to
PCR.SRC in the device reference manual, Pad Configuration Registers (PCR0 - PCR120)).
Table 3. Voltage Supply Pin Descriptions (continued)
Supply pin
Function
Pin Number
144 LQFP
176 LQFP
208 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com