Electronic Components Datasheet Search
  English  ▼

X  

MPR03XQ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPR03XQ
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XQ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPR03XQ Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MPR03X
Rev 2.0 11/2008
Freescale Semiconductor
Technical Data
Preliminary
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains a product under development. Freescale Semiconductor reserves the right to change or
discontinue this product without notice.
Product Preview
Proximity Capacitive Touch
Sensor Controller
MPR03X OVERVIEW
The MPR03X is an Inter-Integrated Circuit Communication (I2C)
driven Capacitive Touch Sensor Controller, optimized to manage two
electrodes with interrupt functionality, or three electrodes with the
interrupt disabled. It can accommodate a wide range of
implementations due to increased sensitivity and a specialized
feature set.
Features
•
8 µA supply current with two electrodes being monitored with
64 ms response time and IRQ enabled
•
Compact 2 x 2 x 0.65 mm 8-lead µDFN package
•
Supports up to 3 touch pads
•
Only one external component needed
•
Intelligent touch detection capacity
•
4 µA maximum shutdown current
•
1.71 V to 2.75 V operation
•
Threshold based detection with hysteresis
•I2C interface, with optional IRQ
•
Multiple devices in a system allow for up to 6 electrodes (need
MPR032 with second I2C address)
•
-40°C to +85°C operating temperature range
Implementations
•
Switch Replacements
•
Touch Pads
Typical Applications
•
PC Peripherals
•
MP3 Players
•
Remote Controls
•
Mobile Phones
•
Lighting Controls
ORDERING INFORMATION
Device Name
Temperature Range
Case Number
Touch Pads
I2C Address
Shipping
MPR031EP
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4A
Bulk
MPR031EPR2
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4A
Tape and Reel
MPR032EP
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4B
Bulk
MPR032EPR2
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4B
Tape and Reel
MPR031
MPR032
Capacitive Touch
Sensor Controller
Top View
Figure 1. Pin Connections
Bottom View
8-PIN UDFN
CASE 1944
1
SCL
2
3
8
7
6
5
4
SDA
VSS
VDD
IRQ/ELE2
ELE1
ELE0
REXT
MPR03X
Interface
I²C Serial
VSS
SDA
SCL
MPR03X
ELE0
ELE1
VDD
INT
1
2
VSS
75k
REXT
MPR03X with 2 Electrodes and 2 Pads


Similar Part No. - MPR03XQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR03X FREESCALE-MPR03X Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
More results

Similar Description - MPR03XQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com