Electronic Components Datasheet Search
  English  ▼

X  

MPR03XQ Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPR03XQ
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XQ Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPR03XQ Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MPR03X
Sensors
10
Freescale Semiconductor
Preliminary
4.3
Run1 Mode
In Run1 Mode, the MPR03X monitors 1, 2, or 3 electrodes which are connected to a user defined array of touch pads. When only
1 or 2 electrodes are selected, the IRQ/ELE2 pin is automatically configured as an open drain interrupt output.
When 3 electrodes are selected in Run1 Mode, the IRQ/ELE2 pin becomes the third electrode input, ELE2 (Figure 14).
Figure 14. Electrode/Pad Connections in Run Mode
4.4
Run2 Mode
In Run2 Mode, all enabled electrodes act as a single electrode by internally connecting the electrode pins together. The entire
surface of all the touch pads is used as a single pad, increasing the total area of the conductor.
When 2 electrodes are selected in Run2 Mode, the IRQ/ELE2 pin is automatically configured as an open drain interrupt output.
When 3 electrodes are selected, the IRQ/ELE2 pin becomes the third electrode input, ELE2 (Figure 15).
Figure 15. Electrode/Pad Connections in Area Detection Mode
4.5
Electrode Configuration Register
The Electrode Configuration Register manages the configuration of the Electrode outputs in addition to the mode of the part. The
address of the Electrode Configuration Register is 0x44.
Figure 16. Electrode Configuration Register
7
6
5
4
3210
R0
CalLock
ModeSel
EleEn
W
Reset:
0
0
0
0
0000
= Unimplemented
ELE0
ELE1
Capacitance
Measurement
Engine
Filters
and
Touch
Detection
ELE2
3
1
2
Run1 Mode with 3 Electrodes
INT
Interrupt
Run1 Mode with 2 Electrodes
ELE1
ELE0
Capacitance
Measurement
Engine
Filters
and
Touch
Detection
1
2
INT
Interrupt
Run1 Mode with 1 Electrode
ELE0
Capacitance
Measurement
Engine
Filters
and
Touch
Detection
1
ELE0
ELE1
INT
Capacitance
Measurement
Engine
Filters
and
Touch
Detection
ELE2
Interrupt
Run2 Mode to 2 Pads
3
1
2
ELE1
ELE0
Capacitance
Measurement
Engine
Filters
and
Touch
Detection
Run2 Mode to 3 Pads
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com