Electronic Components Datasheet Search
  English  ▼

X  

MPR031EPR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPR031EPR2
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR031EPR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPR031EPR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
5
Preliminary
Figure 7. Bit Transfer
2.3.4
Acknowledge
The acknowledge bit is a clocked 9th bit (Figure 8) which the recipient uses to handshake receipt of each byte of data. Thus each
byte transferred effectively requires 9 bits. The master generates the 9th clock pulse, and the recipient pulls down SDA during
the acknowledge clock pulse, such that the SDA line is stable low during the high period of the clock pulse. When the master is
transmitting to the MPR03X, the MPR03X generates the acknowledge bit, since the MPR03X is the recipient. When the MPR03X
is transmitting to the master, the master generates the acknowledge bit, since the master is the recipient.
Figure 8. Acknowledge
2.3.5
The Slave Address
The MPR03X has a 7-bit long slave address (Figure 9). The bit following the 7-bit slave address (bit eight) is the R/W bit, which
is low for a write command and high for a read command.
Figure 9. Slave Address
The MPR03X monitors the bus continuously, waiting for a START condition followed by its slave address. When a MPR03X
recognizes its slave address, it acknowledges and is then ready for continued communication.
The MPR031 and MPR032 slave addresses are show in Table 2.
Table 2.
Part Number
I2C Address
MPR031
0x4A
MPR032
0x4B
START
CONDITION
SDA
SCL
STOP
CONDITION
P
S
START
CONDITION
SDA
BY TRANSMITTER
S
12
8
9
CLOCK PULSE FOR
ACKNOWLEDGEMENT
SDA
BY RECEIVER
SCL
SDA
1
R/W
ACK
MSB
SCL
01
00
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com