Electronic Components Datasheet Search
  English  ▼

X  

MPR031EPR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPR031EPR2
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR031EPR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPR031EPR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR031EPR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
7
Preliminary
2.3.8
Operation with Multiple Master
The application should use repeated starts to address the MPR03X to avoid bus confusion between I2C masters.On a I2C bus,
once a master issues a start/repeated start condition, that master owns the bus until a stop condition occurs. If a master that does
not own the bus attempts to take control of that bus, then improper addressing may occur. An address may always be rewritten
to fix this problem. Follow I2C protocol for multiple master configurations.
2.4
Register Address Map
Table 3. Register Address Map
Register
Register Address
Burst Mode
Auto-Increment
Address
Touch Status Register
0x00
Register Address + 1
ELE0 Filtered Data Low Register
0x02
ELE0 Filtered Data High Register
0x03
ELE1 Filtered Data Low Register
0x04
ELE1 Filtered Data High Register
0x05
ELE2 Filtered Data Low Register
0x06
ELE2 Filtered Data High Register
0x07
ELE0 Baseline Value Register
0x1A
ELE1 Baseline Value Register
0x1B
ELE2 Baseline Value Register
0x1C
Max Half Delta Register
0x26
Noise Half Delta Register
0x27
Noise Count Limit Register
0x28
ELE0 Touch Threshold Register
0x29
ELE0 Release Threshold Register
0x2A
ELE1 Touch Threshold Register
0x2B
ELE1 Release Threshold Register
0x2C
ELE2 Touch Threshold Register
0x2D
ELE2 Release Threshold Register
0x2E
AFE Configuration Register
0x41
Filter Configuration Register
0x43
Electrode Configuration Register
0x44
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com