Electronic Components Datasheet Search
  English  ▼

X  

F503 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # F503
Description  Totalizers electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F503 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  F503 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F503 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F503 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F503 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Totalizers electromechanic
3
www.baumerivo.com
www.baumerivo.com
F 503, F 513, F 523
Small impulse counters, adding
Display 5- or 7-digits, with/without reset button
Part number
F 503.
Display
C 7-digits 9 999 999
A 5-digits 99 999
Voltage / connection
A1 6 VDC / Stranded wire 300 mm
A2 12 VDC / Stranded wire 300 mm
A3 24 VDC / Stranded wire 300 mm
A5 24 VAC / Stranded wire 300 mm
A8 110 VAC / Stranded wire 300 mm
A9 230 VAC / Stranded wire 300 mm
Reset
030B
Without reset button
010A
With reset button
F 513.
Display
C 7-digits 9 999 999
A 5-digits 99 999
Voltage / connection
A1 6 VDC / Stranded wire 300 mm
A2 12 VDC / Stranded wire 300 mm
A3 24 VDC / Stranded wire 300 mm
A5 24 VAC / Stranded wire 300 mm
A8 110 VAC / Stranded wire 300 mm
A9 230 VAC / Stranded wire 300 mm
Reset
030B
Without reset button
010A
With reset button
F 523.
Display
C 7-digits 9 999 999
A 5-digits 99 999
Voltage / connection
A1 6 VDC / Stranded wire 300 mm
A2 12 VDC / Stranded wire 300 mm
A3 24 VDC / Stranded wire 300 mm
A5 24 VAC / Stranded wire 300 mm
A8 110 VAC / Stranded wire 300 mm
A9 230 VAC / Stranded wire 300 mm
Reset
030B
Without reset button
010A
With reset button
Center screw mount
Front panel with screw mount
Front panel with spring clips mount



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com