Electronic Components Datasheet Search
  English  ▼

X  

F503 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # F503
Description  Totalizers electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F503 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  F503 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F503 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F503 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F503 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Totalizers electromechanic
1
www.baumerivo.com
www.baumerivo.com
F 503 - Center screw mount at rear
Features
Small impulse counter
–
Adding
–
Display 5- or 7-digits
–
With or without reset button
–
Technical data - electrical ratings
Voltage supply
24/110 VAC ±10 % (50/60 Hz)
230 VAC +6/-10 % (50/60 Hz)
6/12/24 VDC ±10 %
Ripple residue
<48 %
Nominal frequency
50 / 60 Hz
Power consumption
1.8 W, 2 VA
Pulse ratio
1:1
Service life
10 million impulses
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-4
Interference immunity
DIN EN 61000-6-2
Approvals
CE conform, UL/cUL
F 503, F 513, F 523
Small impulse counters, adding
Display 5- or 7-digits, with/without reset button
F 513 - Front panel with screw mount
F 523 - Front panel with spring clip


Similar Part No. - F503

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
F503 IRCTT-F503 Datasheet
209Kb / 2P
U.L. Approved Dual Function Fuse Resistors
logo
TT Electronics.
F503 TTELEC-F503 Datasheet
347Kb / 2P
Dual Function Fuse Resistors
logo
Harris Corporation
F5032 HARRIS-F5032 Datasheet
179Kb / 2P
LIGHTWEIGHT NIGHT VISION BINOCULAR
logo
Fuji Electric
F5033 FUJI-F5033 Datasheet
106Kb / 12P
INTELLIGENT POWER MOSFET
logo
Seoul Semiconductor
F50360 SEOUL-F50360 Datasheet
530Kb / 19P
Full color Z-Power LED
More results

Similar Description - F503

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
F102 IVO-F102 Datasheet
551Kb / 4P
Totalizers electromechanic
F304 IVO-F304 Datasheet
571Kb / 4P
Totalizers electromechanic
F504 IVO-F504 Datasheet
605Kb / 4P
Totalizers electromechanic
FD270 IVO-FD270 Datasheet
376Kb / 2P
Totalizers electromechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
Preset counters electromechanic
H126 IVO-H126 Datasheet
346Kb / 2P
Totalizers mechanic
H127 IVO-H127 Datasheet
494Kb / 4P
Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
Totalizers mechanic
N208 IVO-N208 Datasheet
395Kb / 2P
Totalizers electronic
T130 IVO-T130 Datasheet
294Kb / 2P
Totalizers mechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com