Electronic Components Datasheet Search
  English  ▼

X  

SPC5704BEMLU Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SPC5704BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704BEMLU Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SPC5704BEMLU Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
55
3.6.4
I/O Pad Current Specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a VDD/VSS supply pair as
described in Table 22.
Table 23 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment should remain below the IAVGSEG
maximum value.
In order to ensure device functionality, the sum of the dynamic and static current of the I/O on a single segment should remain
below the IDYNSEG maximum value.
Table 22. I/O Supply Segment
Package
Supply segment
A1
1 LCD pad segment containing pad supplies V
DDE_A
B2
2 Misc. pad segment containing pad supplies V
DDE_B
C3,4
3 ADC pad segment containing pad supplies V
DDE_C
4 ADC V
DDA and VDDE_C should be at the same voltage level
D5
5 Stepper Motor pad segment containing I/O supplies V
DDMA, VDDMB, VDDMC
E6
6 Misc pad segment containing pad supplies V
DDE_E
144 LQFP
pins 1 - 21
pins 113 - 144
pins 22 - 52
pins 53 - 72
pins 73 - 102
pins 103 - 112
176 LQFP
pins 1 - 21
pins 143 - 176
pins 22 - 68
pins 69 - 88
pins 89 - 118
pins 119 - 142
Table 23. I/O Consumption
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
ISWTSLW CC
3 Dynamic I/O current for SLOW
configuration
CL = 25pF,
VDD = 5.0V ± 10%, ipp_hve = 0
20
mA
CL = 25pF,
VDD = 3.3V ± 10%, ipp_hve = 1
16
ISWTMED CC
3 Dynamic I/O current for MEDIUM
configuration
CL = 25pF,
VDD = 5.0V ± 10%, ipp_hve = 0
29
mA
CL = 25pF,
VDD = 3.3V ± 10%, ipp_hve = 1
17
ISWTFST
3 CC3 Dynamic I/O current for FAST
configuration
CL = 25pF,
VDD = 5.0V ± 10%, ipp_hve = 0
110
mA
CL = 25pF,
VDD = 3.3V ± 10%, ipp_hve = 1
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com